Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-SERIES Datasheet (PDF) - DIWELL Electronics Co., Ltd.

KW-SERIES Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # KW-SERIES
Download  KW-SERIES Download
File Size   387.8 Kbytes
Page   7 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 15W WIDE INPUT RANGE

KW-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
KW-SERIES Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # KW-SERIES
Download  KW-SERIES Click to download

File Size   387.8 Kbytes
Page   7 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 15W WIDE INPUT RANGE

KW-SERIES Datasheet (HTML) - DIWELL Electronics Co., Ltd.


KW-SERIES Product details

15W DIL PACKAGE
 INDUSTRY STANDARD PACKAGE
 9-18V,18-36V,36-72V,9-27V,18-54V,
9-36V,18-72V WIDE INPUT RANGE
 NO EXTERNAL COMPONENTS
REQUIRED
 REGULATED OUTPUT
 100% BURN IN
 HIGH EFFICIENCY
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 RoHS COMPLIANT
 3 YEARS WARRANTY




Similar Part No. - KW-SERIES

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KW-SITQA1-KD AMSOSRAM-KW-SITQA1-KD Datasheet
2Mb / 31P
SYNIOS™ E1515
Version 1.6 2025-11-06
KW-SITRA1-SK AMSOSRAM-KW-SITRA1-SK Datasheet
2Mb / 26P
SYNIOS™ P1515
Version 1.0 2025-04-04
KW-SIURA1-KD AMSOSRAM-KW-SIURA1-KD Datasheet
3Mb / 47P
SYNIOS™ E1515
Version 1.1 2026-06-17
More results


Similar Description - KW-SERIES

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
15W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
MicroPower Direct, LLC
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
MicroPower Direct, LLC
MC1500XRW MPD-MC1500XRW Datasheet
553Kb / 2P
High Performance, 15W Wide Input Range DC/DC Con vert ers
logo
GAPTEC Electronic GmbH ...
15DMWE4 GAPTEC-15DMWE4 Datasheet
2Mb / 5P
15W - Single Output - Wide Input - Isolated & Regulated
15DMWE4-1.5 GAPTEC-15DMWE4-1.5 Datasheet
2Mb / 7P
15W - Single Output - Wide Input - Isolated & Regulated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com