Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL95866C Datasheet (PDF) - Renesas Technology Corp

ISL95866C Datasheet PDF - Renesas Technology Corp
Part # ISL95866C
Download  ISL95866C Download
File Size   239.89 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 43 Multiphase R3 PWM Regulator for Intel IMVP8 Desktop CFL/CNL CPUs with SMBus Support

ISL95866C Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL95866C Datasheet PDF - Renesas Technology Corp

Part # ISL95866C
Download  ISL95866C Click to download

File Size   239.89 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 43 Multiphase R3 PWM Regulator for Intel IMVP8 Desktop CFL/CNL CPUs with SMBus Support

ISL95866C Datasheet (HTML) - Renesas Technology Corp


ISL95866C Product details

Features
• Supports Intel CEC requirements
• Supports Intel serial data bus interface
• SMBus/PMBus/I2C interface with SVID conflict free
• Droop, OVP, and OCP enable/disable
• Voltage offset adjustment
• Green hybrid digital R3 modulator
• Excellent transient response
• Phase shedding with power state selection
• Diode emulation in single-phase for high
light-load efficiency
• Dual output controller
• Voltage regulator A: 4-, 3-, 2-, or 1-phase designs
with two +12V integrated gate drivers
• Voltage regulator B: 3-, 2-, or 1-phase designs
with one +12V integrated gate driver
• 0.5% system accuracy over-temperature
• Supports multiple current-sensing methods
• Lossless inductor DCR current sensing
• Precision resistor current sensing
• Differential remote voltage sensing
• Resistor programmable address selection, IMAX, and
switching frequency for both outputs
Applications
• IMVP8 compliant desktop computers
Related Literature
• For a full list of related documents, visit our website
• ISL95866C product page




Similar Part No. - ISL95866C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95866 RENESAS-ISL95866 Datasheet
201Kb / 2P
43 Multiphase R3??PWM Regulator for Intel IMVP8??Desktop CPUs with SMBus Support
More results


Similar Description - ISL95866C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6363 INTERSIL-ISL6363 Datasheet
1Mb / 32P
Multiphase PWM Regulator for VR12??Desktop CPUs
ISL95824 INTERSIL-ISL95824 Datasheet
119Kb / 2P
42 Multiphase PWM Regulator for Intel IMVP8 Desktop CPUs
May 18, 2015
ISL95853 INTERSIL-ISL95853 Datasheet
111Kb / 2P
Multiphase PWM Regulator for IMVP8 CPUs
May 6, 2015
ISL95856 INTERSIL-ISL95856 Datasheet
120Kb / 2P
43 Multiphase PWM Regulator for Intel IMVP8 Desktop CPUs
September 30, 2015
ISL95858 INTERSIL-ISL95858 Datasheet
118Kb / 2P
32 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
July 2, 2015
logo
Renesas Technology Corp
ISL95866 RENESAS-ISL95866 Datasheet
201Kb / 2P
43 Multiphase R3??PWM Regulator for Intel IMVP8??Desktop CPUs with SMBus Support
ISL95824 RENESAS-ISL95824 Datasheet
190Kb / 2P
42 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
May 18, 2015
ISL95853 RENESAS-ISL95853 Datasheet
179Kb / 2P
Multiphase PWM Regulator for IMVP8™ CPUs
May 6, 2015
ISL95856 RENESAS-ISL95856 Datasheet
191Kb / 2P
43 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
June 3, 2016
ISL95858 RENESAS-ISL95858 Datasheet
189Kb / 2P
32 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
July 2, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com