Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS0808BA-50R0JN-2SWP Datasheet (PDF) - Vishay Barry

TS0808BA-50R0JN-2SWP Datasheet PDF - Vishay Barry
Part # TS0808BA-50R0JN-2SWP
Download  TS0808BA-50R0JN-2SWP Download
File Size   147.65 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description DC-44GHz 4W AlN SMT Termination w/ ‘Flip-Chip’ Terminals

TS0808BA-50R0JN-2SWP Datasheet (PDF)

Go To PDF Page Download Datasheet
TS0808BA-50R0JN-2SWP Datasheet PDF - Vishay Barry

Part # TS0808BA-50R0JN-2SWP
Download  TS0808BA-50R0JN-2SWP Click to download

File Size   147.65 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description DC-44GHz 4W AlN SMT Termination w/ ‘Flip-Chip’ Terminals

TS0808BA-50R0JN-2SWP Datasheet (HTML) - Vishay Barry


TS0808BA-50R0JN-2SWP Product details

TS0808ZZ-50R0JN-2S Features:
• Surface Mountable
• Solder or Epoxy Attachment
• RoHS Compliant or SnPb Available
• Customer Defined Testing Available
• ±5% Resistor Tolerance
• Tape and Reel or Waffle Pack Available
(Standard is Bulk)

TS0808ZZ-50R0JN-2S Parameters:
Operating Frequency: DC - 44GHz
CW Input Power: 4W*
Peak Input Power (at 30% Duty Cycle): 20W for 10μ Seconds
10W for 50μ Seconds
5W for 1000μ Seconds
Return Loss (Typical)**: 20dB or Better
Impedance: 50Ω
Resistor Construction: Thick Film on AlN
Operating Temperature: -55 to +150°C




Similar Part No. - TS0808BA-50R0JN-2SWP

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS08 SUNTAN-TS08 Datasheet
324Kb / 1P
METALLIZED POLYPROPYLENE FILM CAPACITOR - X2
logo
CUI INC
TS08 CUI-TS08 Datasheet
448Kb / 4P
TACTILE SWITCH
9/20/2021
TS08-66-43-BK-160-SMT-67 CUI-TS08-66-43-BK-160-SMT-67 Datasheet
448Kb / 4P
TACTILE SWITCH
9/20/2021
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
TS08S SUNTAN-TS08S Datasheet
118Kb / 1P
METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
More results


Similar Description - TS0808BA-50R0JN-2SWP

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV1020CT-50R0-JN-2T BARRY-TV1020CT-50R0-JN-2T Datasheet
144Kb / 1P
DC - 8GHz 30W AlN Chip Termination
REV.C NOV 18 2014
TZC2525CT-XXXXJ-2T-02 BARRY-TZC2525CT-XXXXJ-2T-02 Datasheet
1Mb / 2P
DC - 4GHz 100W AlN Chip Termination
REV.F MAR 28 2016
RP0402ZZ-XXXXWN-2Q BARRY-RP0402ZZ-XXXXWN-2Q Datasheet
284Kb / 2P
1W AlN Chip Resistor w/ Wraparound Terminals
REV.E AUG 26 2019
RP0603ZZ-XXXXWN-2Q BARRY-RP0603ZZ-XXXXWN-2Q Datasheet
230Kb / 2P
2.4W AlN Chip Resistor w/ Wraparound Terminals
REV.A APR 23 2018
RS0805ZZ-XXXXWN-2S BARRY-RS0805ZZ-XXXXWN-2S Datasheet
167Kb / 2P
1W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-2T BARRY-RS0805ZZ-XXXXWN-2T Datasheet
153Kb / 2P
1W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS1206ZZ-XXXXWN-2P BARRY-RS1206ZZ-XXXXWN-2P Datasheet
151Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 A 2021
RS1206ZZ-XXXXWN-2Q BARRY-RS1206ZZ-XXXXWN-2Q Datasheet
155Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021
RS1206ZZ-XXXXWN-2S BARRY-RS1206ZZ-XXXXWN-2S Datasheet
161Kb / 2P
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021
RS2010ZZ-XXXXWN-2T-02 BARRY-RS2010ZZ-XXXXWN-2T-02 Datasheet
182Kb / 2P
20W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com