Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-115W Datasheet (PDF) - Advantech Co., Ltd.

TPC-115W Datasheet PDF - Advantech Co., Ltd.
Part # TPC-115W
Download  TPC-115W Download
File Size   577.8 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 7"/10.1"/15.6" Touch Panel Computer with ARM Cortex™-A53 Processor

TPC-115W Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC-115W Datasheet PDF - Advantech Co., Ltd.

Part # TPC-115W
Download  TPC-115W Click to download

File Size   577.8 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 7"/10.1"/15.6" Touch Panel Computer with ARM Cortex™-A53 Processor

TPC-115W Datasheet (HTML) - Advantech Co., Ltd.


TPC-115W Product details

Features
ƒ NXP® ARM® Cortex™-A53 i.MX 8M Mini quad-core processor
ƒ 7", 10.1" and 15.6" 16:9 LCD with multi-touch P-CAP and true-flat IP66-rated
front panel
ƒ Up to 2 GB DDR4 RAM and 16 GB eMMC storage onboard
ƒ 2 x 10/100/1000 Mbps LANs with optional IEEE 802.3at/af PoE-PD module
support (7", 10.1")
ƒ 1 mb FRAM backup memory for unexpected power interruptions
ƒ 2 x Serial port with 120Ω termination resistor that one supports the CAN 2.0B
protocol and offers a programmable bit rate of up to 1 Mb/sec
ƒ Embedded browser and for rapid Web App development
ƒ Supports Linux Yocto and Android
ƒ Optional and mPCIe expansion modules
ƒ Compatible with VESA and panel mounting
ƒ Wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)




Similar Part No. - TPC-115W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-115W ADVANTECH-TPC-115W Datasheet
10Mb / 70P
7"/10.1"/15.6"/21.5" Touch Panel Computer with ARM® Cortex®-A53 Processor
TPC-115W ADVANTECH-TPC-115W Datasheet
700Kb / 4P
7"/10.1"/15.6"/21.5" Touch Panel Computer with ARM Cortex™-A53 Processor
2-Aug-2023
TPC-115W-N31AA ADVANTECH-TPC-115W-N31AA Datasheet
700Kb / 4P
7"/10.1"/15.6"/21.5" Touch Panel Computer with ARM Cortex™-A53 Processor
2-Aug-2023
TPC-115W-N31YB ADVANTECH-TPC-115W-N31YB Datasheet
700Kb / 4P
7"/10.1"/15.6"/21.5" Touch Panel Computer with ARM Cortex™-A53 Processor
2-Aug-2023
More results


Similar Description - TPC-115W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-W101 ADVANTECH-UTC-W101 Datasheet
259Kb / 2P
10.1 eService Touch Computer with Intel짰 Atom??Processor
logo
Axiomtek Co., Ltd.
GOT5153W-834 AXIOMTEK-GOT5153W-834 Datasheet
404Kb / 2P
15.6 WXGA TFT Fanless Touch Panel Computer with Intel Celeron Processor J1900
logo
Advantech Co., Ltd.
UTC-515D-RE ADVANTECH-UTC-515D-RE Datasheet
336Kb / 2P
15.6" Ubiquitous Touch Computer
logo
Axiomtek Co., Ltd.
GOT5153W-845 AXIOMTEK-GOT5153W-845 Datasheet
541Kb / 2P
15.6 WXGA TFT Fanless Touch Panel Computer
logo
Advantech Co., Ltd.
EPC-R4760 ADVANTECH-EPC-R4760 Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
UTC-W101B ADVANTECH-UTC-W101B Datasheet
536Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-510 ADVANTECH-UTC-510 Datasheet
404Kb / 2P
10.1' Ubiquitous Touch Computer
logo
Axiomtek Co., Ltd.
GOT315WL-845 AXIOMTEK-GOT315WL-845 Datasheet
439Kb / 2P
15.6 WXGA TFT Multi-touch Panel Computer with Intel짰 Pentium짰 Processor
logo
Advantech Co., Ltd.
EPC-R4760 ADVANTECH-EPC-R4760_V01 Datasheet
2Mb / 4P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
7-Jul-2021
TPC-71W ADVANTECH-TPC-71W Datasheet
504Kb / 2P
7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com