Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP060GF Datasheet (PDF) - 3M Electronics

RP060GF Datasheet PDF - 3M Electronics
Part # RP060GF
Download  RP060GF Download
File Size   69.91 Kbytes
Page   8 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ VHB™ Tape RP060GF

RP060GF Datasheet (PDF)

Go To PDF Page Download Datasheet
RP060GF Datasheet PDF - 3M Electronics

Part # RP060GF
Download  RP060GF Click to download

File Size   69.91 Kbytes
Page   8 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ VHB™ Tape RP060GF

RP060GF Datasheet (HTML) - 3M Electronics


RP060GF Product details

Product Description
3M™ VHB™ Tape RP+060GF is a 0.025 inch (0.6 mm) thick gray double coated acrylic foam tape with PE film liner. The multi-purpose acrylic adhesive on both sides bonds
to a broad range of high and medium surface energy substrates including metals, glass and a wide variety of paints and plastics. The conformable foam provides good
contact between substrates even when they are slightly mismatched. 3M™ VHB™ Tape RP+060GF is part of the RP+ tape series. Each product in this family has multipurpose
acrylic adhesive and conformable foam but varies in thickness and liner type.

Product Features
• Fast and easy-to-use permanent bonding method provides high strength and long-term durability
• Virtually invisible fastening keeps surfaces smooth
• Can replace mechanical fasteners (rivets, welding, screws) or liquid adhesives
• Gray, 0.025 in (0.6 mm), multi-purpose adhesive and conformable acrylic foam core for good performance in a variety of applications
• Eliminate drilling, grinding, refinishing, screwing, welding and clean-up
• Creates a permanent seal against water, moisture and more
• Pressure sensitive adhesive bonds on contact to provide immediate handling strength
• Allows the use of thinner, lighter weight and dissimilar materials




Similar Part No. - RP060GF

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RP0603 YAGEO-RP0603 Datasheet
450Kb / 9P
THIN FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jul. 25, 2022 V.0
logo
Vishay Barry
RP0603AS-1000FN-90 BARRY-RP0603AS-1000FN-90 Datasheet
239Kb / 2P
100mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-90TR BARRY-RP0603AS-1000FN-90TR Datasheet
239Kb / 2P
100mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-90WP BARRY-RP0603AS-1000FN-90WP Datasheet
239Kb / 2P
100mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-91 BARRY-RP0603AS-1000FN-91 Datasheet
239Kb / 2P
200mW Al2O3 Chip Resistor w/ Wraparound Terminals
More results


Similar Description - RP060GF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
86415 3M-86415 Datasheet
275Kb / 3P
3M??VHB??Tape
5980 3M-5980 Datasheet
268Kb / 2P
3M™ VHB™ Tape 5980, 5980WT
Sep-2017
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
3M??VHB??Tape LSE Series
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
3M??VHB??Tape GPH-110GF
GPH-060GF 3M-GPH-060GF Datasheet
312Kb / 8P
3M??VHB??Tape GPH-060GF
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com