Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUS-0.1W Datasheet (PDF) - DIWELL Electronics Co., Ltd.

AUS-0.1W Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # AUS-0.1W
Download  AUS-0.1W Download
File Size   349.41 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 0.1W UNREGULATED

AUS-0.1W Datasheet (PDF)

Go To PDF Page Download Datasheet
AUS-0.1W Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # AUS-0.1W
Download  AUS-0.1W Click to download

File Size   349.41 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 0.1W UNREGULATED

AUS-0.1W Datasheet (HTML) - DIWELL Electronics Co., Ltd.


AUS-0.1W Product details

FEATURES
 DUAL IN LINE PACKAGE
 100% BURN IN
 INTERNAL SMD TECHNOLOGY
 LOW COST
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 MTBF>1,000,000 HOURS
 RoHS COMPLIANT
 3 YEARS WARRANTY




Similar Part No. - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AUS301 POSEICO-AUS301 Datasheet
140Kb / 4P
RECTIFIER DIODE
AUS301S06 POSEICO-AUS301S06 Datasheet
140Kb / 4P
RECTIFIER DIODE
AUS501 POSEICO-AUS501 Datasheet
164Kb / 4P
RECTIFIER DIODE
AUS501HF POSEICO-AUS501HF Datasheet
165Kb / 4P
RECTIFIER DIODE
AUS501HFS06 POSEICO-AUS501HFS06 Datasheet
165Kb / 4P
RECTIFIER DIODE
More results


Similar Description - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
17-43GHz, 0.1W Gain Block
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
Low Standby Power: Under 0.1W
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
0.1W High Gain Driver Amplifier
logo
GAPTEC Electronic GmbH ...
0.1D8A GAPTEC-0.1D8A Datasheet
804Kb / 2P
0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B GAPTEC-0.1S7B Datasheet
845Kb / 3P
0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com