Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAR Datasheet (PDF) - DIWELL Electronics Co., Ltd.

CAR Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # CAR
Download  CAR Download
File Size   375.2 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 2W REGULATED

CAR Datasheet (PDF)

Go To PDF Page Download Datasheet
CAR Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # CAR
Download  CAR Click to download

File Size   375.2 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 2W REGULATED

CAR Datasheet (HTML) - DIWELL Electronics Co., Ltd.


CAR Product details

FEATURES
 DUAL IN LINE PACKAGE
 UP TO 2W REGULATED OUTPUT POWER
 100% BURNED IN
 HIGH EFFICIENCY
 FIVE-SIDED SHIELD TO REDUCE EMI
 LOW COST
 NO EXTERNAL COMPONENTS REQUIRED
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 3 YEARS WARRANTY




Similar Part No. - CAR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CAR WELWYN-CAR Datasheet
109Kb / 2P
Ultra Precision Metal Film Resistors
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
Ultra Precision Metal Film Resistor
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
Superior moisture performance
logo
Sanyou Corporation Limi...
CAR SANYOU-CAR Datasheet
171Kb / 2P
Motorcycle Relay
logo
GOOD SKY ELECTRIC CO., ...
CAR GOODSKY-CAR Datasheet
390Kb / 4P
Relay
More results


Similar Description - CAR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
PEAK electronics GmbH
P10SG-0505EH52 PEAK-P10SG-0505EH52 Datasheet
197Kb / 2P
5.2 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
P10SG-0505EM PEAK-P10SG-0505EM Datasheet
210Kb / 2P
1 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
logo
Burr-Brown (TI)
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Mean Well Enterprises C...
SPA02 MEANWELL-SPA02 Datasheet
247Kb / 1P
2W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
2W DC-DC Regulated Single Output Converter
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Mean Well Enterprises C...
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
2W SIP Package DC-DC Regulated Converter
logo
GAPTEC Electronic GmbH ...
2D16WA GAPTEC-2D16WA Datasheet
745Kb / 3P
2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S9W4 GAPTEC-2S9W4 Datasheet
1Mb / 5P
2W - Dual/Single Output - Wide Input - Isolated & Regulated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com