Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP0603AS-1000FN-95 Datasheet (PDF) - Vishay Barry

RP0603AS-1000FN-95 Datasheet PDF - Vishay Barry
Part # RP0603AS-1000FN-95
Download  RP0603AS-1000FN-95 Download
File Size   238.6 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1.6W BeO Chip Resistor w/ Wraparound Terminals

RP0603AS-1000FN-95 Datasheet (PDF)

Go To PDF Page Download Datasheet
RP0603AS-1000FN-95 Datasheet PDF - Vishay Barry

Part # RP0603AS-1000FN-95
Download  RP0603AS-1000FN-95 Click to download

File Size   238.6 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1.6W BeO Chip Resistor w/ Wraparound Terminals

RP0603AS-1000FN-95 Datasheet (HTML) - Vishay Barry


RP0603AS-1000FN-95 Product details

RP0603ZZ-XXXXWN-95 Features:
• Wraparound Terminals
• Solder or Epoxy Attachment
• Customer Defined Testing Available
• RoHS Compliant or SnPb Available
• Tape & Reel or Waffle Pack Available (Standard is bulk)

RP00603ZZ-XXXXWN-95 Parameters:
Resistance Range: 0.5Ω - 1MΩ
Rated Power: 1.6W*
Construction: Thick Film on BeO
Operating Temperature: -55 to +150°C




Similar Part No. - RP0603AS-1000FN-95

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP0603AS-1000FN-90 BARRY-RP0603AS-1000FN-90 Datasheet
239Kb / 2P
100mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-90TR BARRY-RP0603AS-1000FN-90TR Datasheet
239Kb / 2P
100mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-90WP BARRY-RP0603AS-1000FN-90WP Datasheet
239Kb / 2P
100mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-91 BARRY-RP0603AS-1000FN-91 Datasheet
239Kb / 2P
200mW Al2O3 Chip Resistor w/ Wraparound Terminals
RP0603AS-1000FN-91TR BARRY-RP0603AS-1000FN-91TR Datasheet
239Kb / 2P
200mW Al2O3 Chip Resistor w/ Wraparound Terminals
More results


Similar Description - RP0603AS-1000FN-95

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP0402ZZ-XXXXWN-96 BARRY-RP0402ZZ-XXXXWN-96 Datasheet
292Kb / 2P
1W BeO Chip Resistor w/ Wraparound Terminals
REV.E AUG 26 2019
RP0603ZZ-XXXXWN-96 BARRY-RP0603ZZ-XXXXWN-96 Datasheet
239Kb / 2P
2.4W BeO Chip Resistor w/ Wraparound Terminals
RP0805ZZ-XXXXWN-96 BARRY-RP0805ZZ-XXXXWN-96 Datasheet
180Kb / 2P
8W BeO Chip Resistor w/ Wraparound Terminals
REV.B MAY 21 2021
RP0805ZZ-XXXXWN-98 BARRY-RP0805ZZ-XXXXWN-98 Datasheet
186Kb / 2P
5W BeO Chip Resistor w/ Wraparound Terminals
REV.B MAY 21 2021
RP1005ZZ-XXXXWN-96 BARRY-RP1005ZZ-XXXXWN-96 Datasheet
139Kb / 2P
1W BeO Chip Resistor w/ Wraparound Terminals
REV.C MAY 28 2021
RP1206ZZ-XXXXJN-96 BARRY-RP1206ZZ-XXXXJN-96 Datasheet
247Kb / 2P
16W BeO Chip Resistor w/ Wraparound Terminals
REV.A MAY 14 2019
RP2010ZZ-XXXXJN-96 BARRY-RP2010ZZ-XXXXJN-96 Datasheet
247Kb / 2P
32W BeO Chip Resistor w/ Wraparound Terminals
RP2010ZZ-XXXXJN-98 BARRY-RP2010ZZ-XXXXJN-98 Datasheet
251Kb / 2P
20W BeO Chip Resistor w/ Wraparound Terminals
RP2512ZZ-XXXXWN-96 BARRY-RP2512ZZ-XXXXWN-96 Datasheet
170Kb / 2P
10W BeO Chip Resistor w/ Wraparound Terminals
REV.A MAY 28 2021
RP2512ZZ-XXXXWN-98 BARRY-RP2512ZZ-XXXXWN-98 Datasheet
170Kb / 2P
10W BeO Chip Resistor w/ Wraparound Terminals
REV.A MAY 28 2021
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com