Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP0805CB-1000FN-96TR Datasheet (PDF) - Vishay Barry

RP0805CB-1000FN-96TR Datasheet PDF - Vishay Barry
Part # RP0805CB-1000FN-96TR
Download  RP0805CB-1000FN-96TR Download
File Size   180.72 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 8W BeO Chip Resistor w/ Wraparound Terminals

RP0805CB-1000FN-96TR Datasheet (PDF)

Go To PDF Page Download Datasheet
RP0805CB-1000FN-96TR Datasheet PDF - Vishay Barry

Part # RP0805CB-1000FN-96TR
Download  RP0805CB-1000FN-96TR Click to download

File Size   180.72 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 8W BeO Chip Resistor w/ Wraparound Terminals

RP0805CB-1000FN-96TR Datasheet (HTML) - Vishay Barry


RP0805CB-1000FN-96TR Product details

RP0805ZZ-XXXXWN-96 Features:
• Wraparound Terminal Configuration
• Solder, Epoxy or Wirebondable Terminals
• Customer Defined Testing Available
• RoHS Compliant or SnPb Available
• Non-Magnetic Available
• Tape and Reel and Waffle Pack
Available (Standard is bulk)

RP0805ZZ-XXXXWN-96 Parameters:
Resistance Range: 0.5Ω - 1MΩ
Rated Power:* 8W
Construction: Thick Film on 0.015” BeO
Operating Temperature: -55 to +150°C




Similar Part No. - RP0805CB-1000FN-96TR

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP0805CB-1000FN-91 BARRY-RP0805CB-1000FN-91 Datasheet
181Kb / 2P
2W Al2O3 Chip Resistor w/ Wraparound Terminals
REV.B MAY 20 2021
logo
Vishay Siliconix
RP0805CB-1000FN-91TR VISHAY-RP0805CB-1000FN-91TR Datasheet
182Kb / 2P
2W Al2O3 Chip Resistor w/ Wraparound Terminals
logo
Vishay Barry
RP0805CB-1000FN-91TR BARRY-RP0805CB-1000FN-91TR Datasheet
181Kb / 2P
2W Al2O3 Chip Resistor w/ Wraparound Terminals
REV.B MAY 20 2021
logo
Vishay Siliconix
RP0805CB-1000FN-91WP VISHAY-RP0805CB-1000FN-91WP Datasheet
182Kb / 2P
2W Al2O3 Chip Resistor w/ Wraparound Terminals
logo
Vishay Barry
RP0805CB-1000FN-91WP BARRY-RP0805CB-1000FN-91WP Datasheet
181Kb / 2P
2W Al2O3 Chip Resistor w/ Wraparound Terminals
REV.B MAY 20 2021
More results


Similar Description - RP0805CB-1000FN-96TR

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP0402ZZ-XXXXWN-96 BARRY-RP0402ZZ-XXXXWN-96 Datasheet
292Kb / 2P
1W BeO Chip Resistor w/ Wraparound Terminals
REV.E AUG 26 2019
RP0603ZZ-XXXXWN-95 BARRY-RP0603ZZ-XXXXWN-95 Datasheet
238Kb / 2P
1.6W BeO Chip Resistor w/ Wraparound Terminals
RP0603ZZ-XXXXWN-96 BARRY-RP0603ZZ-XXXXWN-96 Datasheet
239Kb / 2P
2.4W BeO Chip Resistor w/ Wraparound Terminals
RP1005ZZ-XXXXWN-96 BARRY-RP1005ZZ-XXXXWN-96 Datasheet
139Kb / 2P
1W BeO Chip Resistor w/ Wraparound Terminals
REV.C MAY 28 2021
RP1206ZZ-XXXXJN-96 BARRY-RP1206ZZ-XXXXJN-96 Datasheet
247Kb / 2P
16W BeO Chip Resistor w/ Wraparound Terminals
REV.A MAY 14 2019
RP2010ZZ-XXXXJN-91 BARRY-RP2010ZZ-XXXXJN-91 Datasheet
248Kb / 2P
8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010ZZ-XXXXJN-96 BARRY-RP2010ZZ-XXXXJN-96 Datasheet
247Kb / 2P
32W BeO Chip Resistor w/ Wraparound Terminals
RP2010ZZ-XXXXJN-98 BARRY-RP2010ZZ-XXXXJN-98 Datasheet
251Kb / 2P
20W BeO Chip Resistor w/ Wraparound Terminals
RP2512ZZ-XXXXWN-96 BARRY-RP2512ZZ-XXXXWN-96 Datasheet
170Kb / 2P
10W BeO Chip Resistor w/ Wraparound Terminals
REV.A MAY 28 2021
RP2512ZZ-XXXXWN-98 BARRY-RP2512ZZ-XXXXWN-98 Datasheet
170Kb / 2P
10W BeO Chip Resistor w/ Wraparound Terminals
REV.A MAY 28 2021
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com