Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP2338J Datasheet (PDF) - Bright Power Semiconductor Co., Ltd.

BP2338J Datasheet PDF - Bright Power Semiconductor Co., Ltd.
Part # BP2338J
Download  BP2338J Download
File Size   462.54 Kbytes
Page   9 Pages
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.
Description Non-isolated Buck APFC LED Driver

BP2338J Datasheet (PDF)

Go To PDF Page Download Datasheet
BP2338J Datasheet PDF - Bright Power Semiconductor Co., Ltd.

Part # BP2338J
Download  BP2338J Click to download

File Size   462.54 Kbytes
Page   9 Pages
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.
Description Non-isolated Buck APFC LED Driver

BP2338J Datasheet (HTML) - Bright Power Semiconductor Co., Ltd.


BP2338J Product details

Description
The BP2338J is a high precision non-isolated buck
driver with active PFC, specially designed for universal
input offline constant current LED lighting. The driver
with on-chip PFC circuit achieves high power factor
and low THD. Operating in critical conduction mode,
the power MOSFET switching loss is reduced and the
inductor is fully utilized.
The BP2338J integrates a 600V power MOSFET.
With few external components, the LED output
current can be precisely controlled.
The BP2338J utilizes patented floating ground
structure. The inductor current is sensed during the
whole switching cycle. So it achieves high precision
output current control, and excellent line regulation and
load regulation.
The BP2338J utilizes patented start up technology
with HV JFET. So it achieves fast start up, reduce
count of external components, and realize smaller
form factor.
The BP2338J offers rich protection functions to
improve the system reliability, including LED open
circuit protection, LED short circuit protection, VCC
under voltage protection, CS resistor open circuit
protection and cycle by cycle current limit. All the
protection functions are auto-recovery. The system
reliability is further improved by the thermal regulation
function. The output current is reduced when the driver
is over temperature.

Features
 Fast start up and power supply with HV JFET
 Integrated with 600V Power MOSFET
 Active PFC for High Power Factor and Low THD
 System Efficiency up to 95%
 ±3% LED Output Current Accuracy
 Excellent Line and Load Regulation
 Critical Conduction Mode Operation
 Ultra Low (300uA) Operating Current
 LED Short/Open Protection
 Current Sensing Resistor Open Protection
 Cycle by Cycle Current Limit
 VCC Under Voltage Protection
 Auto Fault Recovery
 Thermal Regulation Function




Similar Part No. - BP2338J

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP2333 BPS-BP2333 Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2335J BPS-BP2335J Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2335JC BPS-BP2335JC Datasheet
145Kb / 2P
Non-isolated Buck APFC LED Driver
BP2335JS BPS-BP2335JS Datasheet
324Kb / 2P
Non-isolated Buck APFC LED Driver
BP2336J BPS-BP2336J Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
More results


Similar Description - BP2338J

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7830A MAXIC-MT7830A Datasheet
158Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7840 MAXIC-MT7840 Datasheet
257Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7844B MAXIC-MT7844B Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7845 MAXIC-MT7845 Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7855BLD MAXIC-MT7855BLD Datasheet
269Kb / 1P
Non-isolated APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2333 BPS-BP2333 Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356C BPS-BP2356C Datasheet
145Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356F BPS-BP2356F Datasheet
144Kb / 2P
Non-isolated Buck APFC LED Driver
logo
Maxic Technology Corpor...
MT9513DF MAXIC-MT9513DF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
MT9514SF MAXIC-MT9514SF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com