Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20701LUB1S0005 Datasheet (PDF) - Advantech Co., Ltd.

20701LUB1S0005 Datasheet PDF - Advantech Co., Ltd.
Part # 20701LUB1S0005
Download  20701LUB1S0005 Download
File Size   520.25 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor

20701LUB1S0005 Datasheet (PDF)

Go To PDF Page Download Datasheet
20701LUB1S0005 Datasheet PDF - Advantech Co., Ltd.

Part # 20701LUB1S0005
Download  20701LUB1S0005 Click to download

File Size   520.25 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor

20701LUB1S0005 Datasheet (HTML) - Advantech Co., Ltd.


20701LUB1S0005 Product details

Features
ƒ Industrial-grade 12" XGA TFT LCD with 50K lifetime and LED backlight
ƒ Intel® Atom™ E3845 1.91 GHz quad-core processor with 4 GB DDR3L
SDRAM
ƒ True-flat touchscreen with 5-wire resistive touch control and IP66-rated front
panel
ƒ Wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)
ƒ Front-facing LED indicators to show operating status
ƒ Advantech iDoor technology and SSD/HDD bay
ƒ Compact, fanless system with aluminum alloy front bezel and chassis
grounding protection
ƒ Supports VESA mount (100 x 100 mm)
ƒ Supports Advantech’s SNMP Subagent software
ƒ Supports Advantech’s WISE-PaaS/RMM remote management software




Similar Part No. - 20701LUB1S0005

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
20701LUB1S0005 ADVANTECH-20701LUB1S0005 Datasheet
478Kb / 2P
15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
20701LUB1S0005 ADVANTECH-20701LUB1S0005 Datasheet
504Kb / 2P
17" SXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
More results


Similar Description - 20701LUB1S0005

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1551T-E3AE ADVANTECH-TPC-1551T-E3AE Datasheet
603Kb / 2P
15" XGA TFT LED LCD Intel짰 Atom??Thin Client Terminal
TPC-1551T ADVANTECH-TPC-1551T_V01 Datasheet
559Kb / 2P
15 XGA TFT LED LCD Thin-Client Terminal with Intel짰 Atom??Processor
24-Sep-2021
TPC-1051WP ADVANTECH-TPC-1051WP Datasheet
1Mb / 2P
10.1" WXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
TPC-312-EHL ADVANTECH-TPC-312-EHL Datasheet
547Kb / 2P
12.1" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
TPC-315-EHL ADVANTECH-TPC-315-EHL Datasheet
544Kb / 2P
15" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
TPC-651T ADVANTECH-TPC-651T Datasheet
456Kb / 2P
5.7"/6.5" VGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
TPC-1551T-B ADVANTECH-TPC-1551T-B Datasheet
478Kb / 2P
15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
TPC-1551WP ADVANTECH-TPC-1551WP Datasheet
1Mb / 2P
15.6" WXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
9-Apr-2021
TPC-1751T ADVANTECH-TPC-1751T Datasheet
504Kb / 2P
17" SXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-155H ADVANTECH-TPC-155H Datasheet
532Kb / 2P
15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor and UL Class 1 Division 2
16-Jan-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com