Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-26R2EC-MAE Datasheet (PDF) - Advantech Co., Ltd.

PCM-26R2EC-MAE Datasheet PDF - Advantech Co., Ltd.
Part # PCM-26R2EC-MAE
Download  PCM-26R2EC-MAE Download
File Size   544.44 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor

PCM-26R2EC-MAE Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM-26R2EC-MAE Datasheet PDF - Advantech Co., Ltd.

Part # PCM-26R2EC-MAE
Download  PCM-26R2EC-MAE Click to download

File Size   544.44 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor

PCM-26R2EC-MAE Datasheet (HTML) - Advantech Co., Ltd.


PCM-26R2EC-MAE Product details

Features
ƒ Industrial-grade 15" XGA TFT LCD with 70K lifetime and LED backlight
ƒ Intel® Elkhart Lake (EHL) Atom™ 6425E 2.00 GHz quad-core / Celeron®
J6412 2.00 GHz quad-core processor with 4 GB DDR4 SDRAM
ƒ True-flat touchscreen with 5-wire resistive touch control and IP66-rated front
panel
ƒ Wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)
ƒ Front-facing LED indicators to show operating status
ƒ Built-in Advantech iDoor technology, SSD/HDD bay and VESA mount
ƒ Compact, fanless system with aluminum alloy front bezel and chassis
grounding protection
ƒ Supports Advantech’s SNMP Subagent software
ƒ Supports Advantech’s WISE-PaaS/RMM remote management software




Similar Part No. - PCM-26R2EC-MAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-26R2EC-MAE ADVANTECH-PCM-26R2EC-MAE Datasheet
261Kb / 1P
2-Port Hilscher netX100 FieldBus mPCIe, PROFINET, RJ45
PCM-26R2EC-MAE ADVANTECH-PCM-26R2EC-MAE Datasheet
379Kb / 2P
Intel® Core™ i7/i3/Celeron® Control IPC w/ 2 x GbE, 2 x mPCIe, VGA
10-Feb-2017
PCM-26R2EC-MAE ADVANTECH-PCM-26R2EC-MAE Datasheet
418Kb / 1P
2-Port Hilscher netX100 FieldBus mPCIe, EtherCAT, RJ45
7-Jan-2021
PCM-26R2EC-MAE ADVANTECH-PCM-26R2EC-MAE Datasheet
547Kb / 2P
12.1" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
PCM-26R2EC-MAE ADVANTECH-PCM-26R2EC-MAE Datasheet
526Kb / 2P
17" SXGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
7-Apr-2022
More results


Similar Description - PCM-26R2EC-MAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1251T ADVANTECH-TPC-1251T Datasheet
520Kb / 2P
12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-312-EHL ADVANTECH-TPC-312-EHL Datasheet
547Kb / 2P
12.1" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
TPC-317-EHL ADVANTECH-TPC-317-EHL Datasheet
526Kb / 2P
17" SXGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
7-Apr-2022
TPC-324W-EHL ADVANTECH-TPC-324W-EHL Datasheet
546Kb / 2P
23.8" FHD Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
TPC-1551T-B ADVANTECH-TPC-1551T-B Datasheet
478Kb / 2P
15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
TPC-1551WP ADVANTECH-TPC-1551WP Datasheet
1Mb / 2P
15.6" WXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
9-Apr-2021
TPC-1751T ADVANTECH-TPC-1751T Datasheet
504Kb / 2P
17" SXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-155H ADVANTECH-TPC-155H Datasheet
532Kb / 2P
15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor and UL Class 1 Division 2
16-Jan-2023
logo
BCM Advanced Research.
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com