Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT022N10NF2S Datasheet (PDF) - Infineon Technologies AG

IPT022N10NF2S Datasheet PDF - Infineon Technologies AG
Part # IPT022N10NF2S
Download  IPT022N10NF2S Download
File Size   1194.44 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFETTM 2 Power-Transistor

IPT022N10NF2S Datasheet (PDF)

Go To PDF Page Download Datasheet
IPT022N10NF2S Datasheet PDF - Infineon Technologies AG

Part # IPT022N10NF2S
Download  IPT022N10NF2S Click to download

File Size   1194.44 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFETTM 2 Power-Transistor

IPT022N10NF2S Datasheet (HTML) - Infineon Technologies AG


IPT022N10NF2S Product details

Features
• Optimized for a wide range of applications
• N-Channel, normal level
• 100% avalanche tested
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - IPT022N10NF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT020N10N3 INFINEON-IPT020N10N3 Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2014-02-17
IPT020N10N5 INFINEON-IPT020N10N5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.0, 2019-03-26
IPT020N13NM6 INFINEON-IPT020N13NM6 Datasheet
948Kb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 135 V
Rev. 2.0, 2023-10-16
IPT023N10NM5LF2 INFINEON-IPT023N10NM5LF2 Datasheet
1Mb / 14P
OptiMOS™ 5 Linear FET 2, 100 V
Revision 1.0
IPT025N15NM6 INFINEON-IPT025N15NM6 Datasheet
1Mb / 13P
MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
Revision 2.0 2024-04-16
More results


Similar Description - IPT022N10NF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA082N10NF2S INFINEON-IPA082N10NF2S Datasheet
1Mb / 10P
StrongIRFETTM 2 Power-Transistor
Rev.2.0,2021-03-16
IPP082N10NF2S INFINEON-IPP082N10NF2S Datasheet
1Mb / 11P
StrongIRFETTM 2 Power-Transistor
Rev.2.0,2020-12-18
IPP019N08NF2S INFINEON-IPP019N08NF2S Datasheet
1Mb / 11P
StrongIRFETTM 2 Power-Transistor
Rev.2.0,2020-12-18
IPB043N10NF2S INFINEON-IPB043N10NF2S Datasheet
973Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPB055N08NF2S INFINEON-IPB055N08NF2S Datasheet
958Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPF024N10NF2S INFINEON-IPF024N10NF2S Datasheet
965Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPF050N10NF2S INFINEON-IPF050N10NF2S Datasheet
966Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPT017N10NF2S INFINEON-IPT017N10NF2S Datasheet
1,000Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-08-04
IPB024N08NF2S INFINEON-IPB024N08NF2S Datasheet
1Mb / 11P
MOSFET StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPF042N10NF2S INFINEON-IPF042N10NF2S Datasheet
1Mb / 11P
MOSFET StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com