Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA38640 Datasheet (PDF) - Infineon Technologies AG

TDA38640 Datasheet PDF - Infineon Technologies AG
Part # TDA38640
Download  TDA38640 Download
File Size   2839.86 Kbytes
Page   70 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TDA38640 OptiMOS iPOL 40A Single-voltage Synchronous Buck Regulator with SVID and I2C

TDA38640 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA38640 Datasheet PDF - Infineon Technologies AG

Part # TDA38640
Download  TDA38640 Click to download

File Size   2839.86 Kbytes
Page   70 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TDA38640 OptiMOS iPOL 40A Single-voltage Synchronous Buck Regulator with SVID and I2C

TDA38640 Datasheet (HTML) - Infineon Technologies AG


TDA38640 Product details

Features
• Single 5 V to 17 V application or Wide Input Voltage Range from 3.0 V to 17 V with external Vcc
• Output Voltage Range: 0.25 V to 3.04 V with external feedback resistor divider
• Enhanced Stability Engine Stable with Ceramic Capacitors and no External Compensation
• Optional Forced Continuous Conduction Mode and Diode Emulation for Enhanced Light Load Efficiency
• Programmable Switching Frequency from 400 kHz - 2 MHz in steps of 200 kHz, excluding 1600 kHz
• Monotonic Start-Up with Selectable Soft-Start Time via SVID or PMBus Commands & Pre-Bias Start-Up
• Thermally Compensated Internal Over Current Protection with Eight Selectable Settings
• I2C system interface for reporting of Temperature, Voltage, Current & Power telemetry
• Multiple Time Programming (MTP) with up to 24 writes for the USER section
• Digitally programmable load-line no external components are needed
• 12 V input current sensing is supported without the need of an external interface circuit
• Operating temp: -40 °C < Tj < 125 °C
• Small Size: 5 mm x 6 mm PQFN
• Lead-free, Halogen-free and RoHS2 Compliant with Exemption 7a




Similar Part No. - TDA38640

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA38640A INFINEON-TDA38640A Datasheet
2Mb / 71P
40A Single-voltage Synchronous Buck Regulator with SVID and I2C
Revision 2.1 2024-07-03
TDA38640A-0000 INFINEON-TDA38640A-0000 Datasheet
2Mb / 71P
40A Single-voltage Synchronous Buck Regulator with SVID and I2C Quality Requirement Category: Industrial
V2.1 2024-06-20
TDA38640A-AABB INFINEON-TDA38640A-AABB Datasheet
2Mb / 71P
40A Single-voltage Synchronous Buck Regulator with SVID and I2C
Revision 2.1 2024-07-03
TDA38640A-AABB INFINEON-TDA38640A-AABB Datasheet
2Mb / 71P
40A Single-voltage Synchronous Buck Regulator with SVID and I2C Quality Requirement Category: Industrial
V2.1 2024-06-20
TDA38640A0000AUMA1 INFINEON-TDA38640A0000AUMA1 Datasheet
2Mb / 71P
40A Single-voltage Synchronous Buck Regulator with SVID and I2C
Revision 2.1 2024-07-03
More results


Similar Description - TDA38640

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
Single-Input Voltage, Synchronous Buck Regulator
IR3894M IRF-IR3894M_15 Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3895M IRF-IR3895M_15 Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3897M IRF-IR3897M_15 Datasheet
2Mb / 47P
Single?륤nput Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3826 INFINEON-IR3826 Datasheet
2Mb / 53P
OptiMOS??IPOL 23 A single-voltage synchronous Buck regulator
V2.4 June 28 2019
IR38164 INFINEON-IR38164 Datasheet
1Mb / 64P
30A Single-voltage Synchronous Buck Regulator with SVID
Feb 6 2019
IR3887 INFINEON-IR3887 Datasheet
2Mb / 50P
IR3887 OptiMOS™ IPOL 30 A single-voltage synchronous Buck regulator
V2.3 2022-4-4
IR3889 INFINEON-IR3889 Datasheet
2Mb / 50P
IR3889 OptiMOS™ IPOL 30 A single-voltage synchronous Buck regulator
V2.7 2022-4-4
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com