Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAP300DG-TL Datasheet (PDF) - Power Integrations, Inc.

GAP300DG-TL Datasheet PDF - Power Integrations, Inc.
Part # GAP300DG-TL
Download  GAP300DG-TL Download
File Size   800.12 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator

GAP300DG-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
GAP300DG-TL Datasheet PDF - Power Integrations, Inc.

Part # GAP300DG-TL
Download  GAP300DG-TL Click to download

File Size   800.12 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator

GAP300DG-TL Datasheet (HTML) - Power Integrations, Inc.


GAP300DG-TL Product details

Product Highlights
• Provides lossless ZC (Zero Crossing) signal to system MCU
• Meets IEC 60335 X capacitor discharge of <34 V in <1 sec
• One part to cover X capacitor values up to 6 mF
• Blocks current through X capacitor discharge resistors when AC
voltage is connected
• Automatically discharges X capacitors through discharge resistors
when AC is disconnected
• Simplifies EMI filter design – larger X capacitor allows smaller
inductive components with no change in consumption
• Only two terminals – meets safety standards for use before or after
system input fuse
• >4 mm creepage on package and PCB
• Self supplied – no external bias required
• High common mode surge immunity – no external ground connection
• High differential surge withstand – 1000 V internal MOSFETs
• NEMKO and CB certification
EcoSmart™– Energy Efficient
• <5 mW consumption at 230 VAC for all X capacitor values
Applications
• All AC-DC converters with X capacitors of 100 nF up to 6 mF
• Appliances requiring ErP Lot 6 compliance
• Adapters requiring ultra low no-load consumption
• All converters requiring very low standby power
• Lossless generation of zero crossing signal




Similar Part No. - GAP300DG-TL

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL Datasheet
410Kb / 5P
Silicon Carbide Power Schottky Diode Chip
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL_15 Datasheet
251Kb / 5P
Silicon Carbide Power Schottky Diode
GAP3SHT33-CAU GENESIC-GAP3SHT33-CAU Datasheet
346Kb / 3P
Silicon Carbide Power Schottky Diode Chip
GAP3SHT33-CAU GENESIC-GAP3SHT33-CAU_15 Datasheet
251Kb / 5P
Silicon Carbide Power Schottky Diode
logo
Inchange Semiconductor ...
GAP3SLT33 ISC-GAP3SLT33 Datasheet
284Kb / 2P
Schottky Barrier Rectifier
More results


Similar Description - GAP300DG-TL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
502Kb / 12P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
logo
Power Integrations, Inc...
CAP002DG POWERINT-CAP002DG Datasheet
604Kb / 8P
Zero Loss Automatic X Capacitor Discharge IC
SEN012 POWERINT-SEN012 Datasheet
1Mb / 8P
Zero Loss High Voltage Sense Signal Disconnect IC
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
Zero1 Loss Automatic X Capacitor Discharge IC
CAP002DG-TL POWERINT-CAP002DG-TL Datasheet
604Kb / 8P
Zero Loss Automatic X Capacitor Discharge IC
logo
NXP Semiconductors
TEA1708T PHILIPS-TEA1708T Datasheet
116Kb / 11P
GreenChip X capacitor discharge IC
Rev. 1-25 September 2013
logo
IXYS Corporation
PM1205 IXYS-PM1205 Datasheet
113Kb / 6P
Zero-Crossing Detection
logo
NXP Semiconductors
TEA1708T NXP-TEA1708T_V01 Datasheet
210Kb / 12P
GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
logo
Power Integrations, Inc...
CAP200DG POWERINT-CAP200DG Datasheet
681Kb / 8P
Zero1 Loss Automatic X Capacitor Discharge IC
November 2018
SEN012 POWERINT-SEN012_V01 Datasheet
956Kb / 8P
Zero1 Loss High Voltage Sense Signal Disconnect IC
May 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com