Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPZ1075M Datasheet (PDF) - Power Integrations, Inc.

CPZ1075M Datasheet PDF - Power Integrations, Inc.
Part # CPZ1075M
Download  CPZ1075M Download
File Size   1462.86 Kbytes
Page   17 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Active Clamp IC with Integrated High-Voltage Switch Pairs with InnoSwitch4 Family of Offline Switcher ICs

CPZ1075M Datasheet (PDF)

Go To PDF Page Download Datasheet
CPZ1075M Datasheet PDF - Power Integrations, Inc.

Part # CPZ1075M
Download  CPZ1075M Click to download

File Size   1462.86 Kbytes
Page   17 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Active Clamp IC with Integrated High-Voltage Switch Pairs with InnoSwitch4 Family of Offline Switcher ICs

CPZ1075M Datasheet (HTML) - Power Integrations, Inc.


CPZ1075M Product details

Highly Integrated, Compact Footprint
• Eliminates switching losses in InnoSwitch4 primary switch
• Captures and recycles leakage inductance energy
• Dramatically improves power supply efficiency
• Interfaces seamlessly with InnoSwitch4
• Powered directly from InnoSwitch4 BYPASS pin
• Self-biased at start-up
• Operates in both DCM and CCM modes
• Robust 750 V PowiGaN switch (CPZ1075M / CPZ1076M)
Advanced Protection / Safety Features
• Integrated temperature sensing and hysteretic thermal shutdown
Green Package
• Halogen free and RoHS compliant
Applications
• High density flyback designs up to 220 W
Description
The ClampZero™ IC pairs with the InnoSwitch™4 family of ICs to
eliminate energy wasted due to switching losses in the clamp and
primary switch. This dramatically improves power supply efficiency –
easily exceeding 95% - while maintaining the flexibility and low
component count of the flyback architecture.
The ClampZero IC is an active clamping circuit which recycles
otherwise wasted leakage inductance energy. The ClampZero
incorporates a high-side power switch and level shifted self-biased
controller which receives communication from a low-side transceiver
connected to the InnoSwitch4 primary controller
By ensuring zero voltage switching across all line and load conditions
and in both CCM and DCM operating modes, ClampZero combines with
InnoSwitch4 to implement a highly flexible active clamp flyback
solution. In a typical application paired with the InnoSwitch4 IC, the
low switching losses permit use of a high switching frequency,
minimizing the physical size of the transformer and resulting in an
extremely small PCB footprint.
Zero-voltage switching is achieved by precise timing between the
turn-off of the ClampZero and turn-on of the InnoSwitch4 power
switch, which completely removes turn-on losses. The overall effect of
this synchronized switching, along with the InnoSwitch4 PowiGaN
switch with zero turn-off losses, is a flyback converter with zero
primary clamp losses and zero power switch switching losses enabling
high density, heat sinkless flyback designs up to 220 W.




Similar Part No. - CPZ1075M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
Zener Diode 0.5 Watt Zener Diode Chip
CPZ18-1N4621-CT CENTRAL-CPZ18-1N4621-CT Datasheet
547Kb / 5P
Zener Diode Die 500mW, 3.3 THRU 6.2 VOLT
R1 25-August 2017
CPZ18-1N4622-CT CENTRAL-CPZ18-1N4622-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CPZ18-1N4622-CT CENTRAL-CPZ18-1N4622-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
CPZ18-1N4626-WN CENTRAL-CPZ18-1N4626-WN Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
More results


Similar Description - CPZ1075M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
logo
Texas Instruments
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034 TI-LM5034_15 Datasheet
1Mb / 36P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
ON Semiconductor
NCP11184 ONSEMI-NCP11184 Datasheet
1Mb / 25P
mWSaver Integrated Power Switcher with 800 V SJ MOSFET for Offline SMPS
July, 2020 ??Rev. P3
NCP1136 ONSEMI-NCP1136 Datasheet
243Kb / 13P
High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
logo
Power Integrations, Inc...
INN4072C POWERINT-INN4072C Datasheet
2Mb / 36P
Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
August 2022
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com