Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS702HG Datasheet (PDF) - Power Integrations, Inc.

LCS702HG Datasheet PDF - Power Integrations, Inc.
Part # LCS702HG
Download  LCS702HG Download
File Size   2691.59 Kbytes
Page   30 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers

LCS702HG Datasheet (PDF)

Go To PDF Page Download Datasheet
LCS702HG Datasheet PDF - Power Integrations, Inc.

Part # LCS702HG
Download  LCS702HG Click to download

File Size   2691.59 Kbytes
Page   30 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers

LCS702HG Datasheet (HTML) - Power Integrations, Inc.


LCS702HG Product details

Features
• LLC half-bridge power stage incorporating controller, high and
low-side gate drives, and high-voltage power MOSFETs
• Eliminates up to 30 external components
• High maximum operating frequency of 1 MHz
• Nominal steady-state operation up to 500 kHz
• Dramatically reduces magnetics size and allows use of SMD
ceramic output capacitors
• Precise duty symmetry balances output rectifier current, improving
efficiency
• 50% ±0.3% typical at 300 kHz
• Comprehensive fault handling and current limiting
• Programmable brown-in/out thresholds and hysteresis
• Undervoltage (UV) and overvoltage (OV) protection
• Programmable over-current protection (OCP)
• Short-circuit protection (SCP)
• Over-temperature protection (OTP)
• Programmable dead-time for optimized design
• Programmable burst mode maintains regulation at no-load and
improves light load efficiency
• Programmable soft-start time and delay before soft-start
• Accurate programmable minimum and maximum frequency limits
• Single package designed for high-power and high-frequency
• Reduces assembly cost and reduces PCB layout loop areas
• Simple single clip attachment to heat sink
• Staggered pin arrangement for simple PC board routing and
high-voltage creepage requirements
• Paired with HiperPFS PFC product gives complete, high efficiency,
low part count PSU solutions
Applications
• High-efficiency power supplies (80 PLUS Silver, Gold and Platinum)
• LCD TV power supplies
• LED street and area lighting
• Printer power supplies
• Audio amplifier




Similar Part No. - LCS702HG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS702HG POWERINT-LCS702HG Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
LCS702HG POWERINT-LCS702HG Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
More results


Similar Description - LCS702HG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS700 POWERINT-LCS700 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
logo
ON Semiconductor
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com