Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK520G Datasheet (PDF) - Power Integrations, Inc.

LNK520G Datasheet PDF - Power Integrations, Inc.
Part # LNK520G
Download  LNK520G Download
File Size   1308.4 Kbytes
Page   20 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters

LNK520G Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK520G Datasheet PDF - Power Integrations, Inc.

Part # LNK520G
Download  LNK520G Click to download

File Size   1308.4 Kbytes
Page   20 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters

LNK520G Datasheet (HTML) - Power Integrations, Inc.


LNK520G Product details

Cost Effective Linear/RCC Replacement
• Lowest cost and component count, constant voltage (CV)
or constant voltage/constant current (CV/CC) solutions
• Optimized for bias winding feedback
• Up to 75% lighter power supply reduces shipping cost
• Primary based CV/CC solution eliminates 10 to 20
secondary components for low system cost
• Fully integrated auto-restart for short circuit and open loop
fault protection – saves external component costs
• 42 kHz operation with optimized switching characteristics
for significantly reduced EMI
Much Higher Performance Over Linear/RCC
• Universal input range allows worldwide operation
• Up to 70% reduction in power dissipation – reduces
enclosure size significantly
• CV/CC output characteristic without secondary feedback
• System level thermal and current limit protection
• Meets all single point failure requirements with only one
additional bias capacitor
• Controlled current in CC region provides inherent soft-start
• Optional opto feedback improves output voltage accuracy
EcoSmart ™ – Extremely Energy Efficient
• Consumes <300 mW at 265 VAC input with no load
• Meets California Energy Commission (CEC), Energy Star,
and EU requirements
• No current sense resistors – maximizes efficiency
Applications
• Linear transformer replacement in all ≤3 W applications
• Chargers for cell phones, cordless phones, PDAs, digital
cameras, MP3/portable audio devices, shavers, etc.
• Home appliances, white goods and consumer electronics
• Constant output current LED lighting applications
• TV standby and other auxiliary supplies




Similar Part No. - LNK520G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK520G POWERINT-LNK520G Datasheet
847Kb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK520G-TL POWERINT-LNK520G-TL Datasheet
847Kb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK520GN POWERINT-LNK520GN Datasheet
847Kb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK520GN-TL POWERINT-LNK520GN-TL Datasheet
847Kb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
More results


Similar Description - LNK520G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK500 POWERINT-LNK500 Datasheet
505Kb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK520 POWERINT-LNK520 Datasheet
847Kb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK500GN POWERINT-LNK500GN Datasheet
835Kb / 10P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK501PN POWERINT-LNK501PN Datasheet
817Kb / 20P
LinkSwitch Family Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com