Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK6404D Datasheet (PDF) - Power Integrations, Inc.

LNK6404D Datasheet PDF - Power Integrations, Inc.
Part # LNK6404D
Download  LNK6404D Download
File Size   2348.4 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers

LNK6404D Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK6404D Datasheet PDF - Power Integrations, Inc.

Part # LNK6404D
Download  LNK6404D Click to download

File Size   2348.4 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers

LNK6404D Datasheet (HTML) - Power Integrations, Inc.


LNK6404D Product details

Dramatically Simplifies CV/CC Converters
• Eliminates optocoupler and all secondary CV/CC control circuitry
• Eliminates all control loop compensation circuitry
Advanced Performance Features
• Compensates for transformer inductance tolerances
• Compensates for input line voltage variations
• Compensates for cable voltage drop
• Compensates for external component temperature variations
• Very accurate IC parameter tolerances using test trimming technology
• Frequency jittering greatly reduces EMI filter cost
• Programmable switching frequency up to 85 kHz to reduce transformer
size
• Minimum operation frequency fixed to improve transient load
response
Advanced Protection/Safety Features
• Auto-restart protection reduces power delivered by >90% for output
short-circuit and control loop faults (open and shorted components)
• Hysteretic thermal shutdown – automatic recovery reduces power
supply returns from the field
• Meets high-voltage creepage requirements between DRAIN and all
other pins both on the PCB and at the package
EcoSmart™– Energy Efficient
• Easily meets all global energy efficiency regulations with no added
components
• No-load consumption at 230 VAC input with bias winding <10 mW for
LNK64x4-LNK64x6 and <30 mW for LNK64x7-LNK64x8
• ON/OFF control provides constant efficiency down to very light loads
– ideal for CEC regulations
• No current sense resistors – maximizes efficiency
Green Package
• Halogen free and RoHS compliant package
Applications
• Chargers for cell/cordless phones, PDAs, MP3/portable audio
devices, adapters, etc.




Similar Part No. - LNK6404D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK64E POWERINT-LNK64E Datasheet
2Mb / 24P
Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK64K POWERINT-LNK64K Datasheet
2Mb / 24P
Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK64K-V POWERINT-LNK64K-V Datasheet
2Mb / 24P
Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
More results


Similar Description - LNK6404D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com