Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS704 Datasheet (PDF) - Power Integrations, Inc.

PFS704 Datasheet PDF - Power Integrations, Inc.
Part # PFS704_V01
Download  PFS704 Download
File Size   2145.57 Kbytes
Page   30 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description High Power PFC Controller with Integrated High-Voltage MOSFET

PFS704 Datasheet (PDF)

Go To PDF Page Download Datasheet
PFS704 Datasheet PDF - Power Integrations, Inc.

Part # PFS704_V01
Download  PFS704 Click to download

File Size   2145.57 Kbytes
Page   30 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description High Power PFC Controller with Integrated High-Voltage MOSFET

PFS704 Datasheet (HTML) - Power Integrations, Inc.


PFS704 Product details

Key Benefits
• Single chip solution for boost power factor correction (PFC)
• EN61000-3-2 Class C and D compliant
• High light load efficiency at 10% and 20% load
• >95% efficiency from 10% load to full load
• <130 mW no-load consumption at 230 VAC with output in
regulation
• <50 mW no-load consumption at 230 VAC in remote off state
• Frequency adjusted over line voltage, and line cycle
• Spread-spectrum across >60 kHz window to simplify EMI
filtering requirements
• Lower boost inductance
• Provides up to 1 kW peak output power
• >1 kW peak power delivery in power limit voltage regulation
mode
• High integration allows smaller form factor, higher power density
designs
• Incorporates control, gate driver, and high-voltage power
MOSFET
• Internal current sense reduces component count and system
losses
• Protection features include: UV, OV, OTP, brown-in/out, cycleby-
cycle current limit, and power limiting for overload protection
• Halogen free and RoHS compliant
Applications
• PC • High power adaptors
• Printer • High power LED lighting
• LCD TV • Industrial and appliance
• Video game consoles • Generic PFC converters




Similar Part No. - PFS704_V01

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS704-729EG POWERINT-PFS704-729EG Datasheet
2Mb / 30P
High Power PFC Controller with Integrated
June 2015
PFS704EG POWERINT-PFS704EG Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS704EG POWERINT-PFS704EG Datasheet
2Mb / 30P
High Power PFC Controller with Integrated
June 2015
More results


Similar Description - PFS704_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS7323 POWERINT-PFS7323 Datasheet
4Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
logo
ON Semiconductor
NCP1600 ONSEMI-NCP1600 Datasheet
396Kb / 23P
High Voltage PFC Controller
July, 2006 ??Rev. 2
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
logo
Renesas Technology Corp
ISL78205 RENESAS-ISL78205 Datasheet
1Mb / 19P
2.5A Buck Controller with Integrated High-Side MOSFET
logo
Power Integrations, Inc...
PFS7323 POWERINT-PFS7323_V01 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
PFS7523 POWERINT-PFS7523 Datasheet
3Mb / 36P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
June 2015
logo
STMicroelectronics
L4985 STMICROELECTRONICS-L4985 Datasheet
1Mb / 27P
CCM PFC controller with high voltage startupv
28-Dec-2021
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com