Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5175F Datasheet (PDF) - Power Integrations, Inc.

PFS5175F Datasheet PDF - Power Integrations, Inc.
Part # PFS5175F
Download  PFS5175F Download
File Size   1941.86 Kbytes
Page   25 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range

PFS5175F Datasheet (PDF)

Go To PDF Page Download Datasheet
PFS5175F Datasheet PDF - Power Integrations, Inc.

Part # PFS5175F
Download  PFS5175F Click to download

File Size   1941.86 Kbytes
Page   25 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range

PFS5175F Datasheet (HTML) - Power Integrations, Inc.


PFS5175F Product details

Product Highlights
• Highly integrated, compact footprint
• Up to 240 W peak output power for universal applications without
heat sink
• Integrated 750 V PowiGaN™ with lossless current sensing
• Maintains high power factor up to 305 VAC and can operate
continuously at up to 460 VAC during line swells
• Quasi-resonant DCM control ensures low switching losses, smaller
inductor size than conventional CrM PFC, and permits use of lowcost
boost diode
• Integrated automatic X capacitor discharge and high-voltage
start-up for self bias
• Source-potential cooling pad in InSOP package enables effective
PCB cooling and minimizes EMI
• High efficiency and power factor across load range
• Up to 98.3% efficiency from 10% load to 100% load
• <40 mW no-load consumption at 230 VAC
• PF up to 0.96 achievable at 20% load
• Programmable Power Good (PG) signal for active inrush control
• User selectable power limit enables rapid prototyping: test different
size HiperPFS-5 IC’s in the same design for rapid optimization
• Digital line-peak-detection for robust performance even with
distorted input voltage from UPS or generators
• Digital power factor enhancer compensates for EMI filter and bridge
rectifier distortion
• Enables paralleling of PFC stages to increase output power
• Safety certified to IEC62368
Applications
• PC • High-power adaptors and USB PD
• Printer 3.1 rapid charging
• LCD TV • High-power LED lighting
• Video game consoles • Industrial and appliance
• 80 Plus™ Platinum • Generic PFC converters
Description
The HiperPFS™-5 family of advanced power factor correction ICs
leverages the low switching losses of the 750 V PowiGaN switch to
optimize efficiency. The high integration level and novel control
algorithm minimize system footprint by reducing overall component
count and inductor size. Packaged in the low profile, surface mount
InSOP-T28F, the device dissipates heat directly to the PCB substrate,
eliminating the need for bulky heat sinks. Robust HiperPFS-5 devices
operate from low-line to 305 VAC with over 80% de-rating.




Similar Part No. - PFS5175F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFS5000 WTE-PFS5000 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5000G WTE-PFS5000G Datasheet
41Kb / 2P
50A GLASS PASSIVATED 1/2” RUGGED LEAD PRESS-FIT DIODE
October, 2018
PFS5001 WTE-PFS5001 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5001G WTE-PFS5001G Datasheet
41Kb / 2P
50A GLASS PASSIVATED 1/2” RUGGED LEAD PRESS-FIT DIODE
October, 2018
PFS5002 WTE-PFS5002 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
More results


Similar Description - PFS5175F

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS7323 POWERINT-PFS7323 Datasheet
4Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
logo
Texas Instruments
UCC28064 TI1-UCC28064 Datasheet
1Mb / 49P
Natural Interleaving Transition-Mode PFC Controller with Improved Light-Load Efficiency
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
logo
Princeton Technology Co...
RS2330 PTC-RS2330 Datasheet
260Kb / 4P
THD Optimized CRM PFC Controller
logo
Power Integrations, Inc...
INN4072C POWERINT-INN4072C Datasheet
2Mb / 36P
Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
August 2022
MIN1072M POWERINT-MIN1072M Datasheet
1Mb / 14P
Bulk Capacitor Miniaturization and Inrush Management IC With 750 V PowiGaN for Very High Power Density AC/DC Converters
May 2022
PFS7523 POWERINT-PFS7523 Datasheet
3Mb / 36P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
June 2015
PFS7623C POWERINT-PFS7623C Datasheet
4Mb / 38P
PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
August 2020
logo
Texas Instruments
UCC25660 TI-UCC25660 Datasheet
2Mb / 64P
UCC25660 750-kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
OCTOBER 2023
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com