Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7628C Datasheet (PDF) - Power Integrations, Inc.

PFS7628C Datasheet PDF - Power Integrations, Inc.
Part # PFS7628C
Download  PFS7628C Download
File Size   4113.4 Kbytes
Page   38 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range

PFS7628C Datasheet (PDF)

Go To PDF Page Download Datasheet
PFS7628C Datasheet PDF - Power Integrations, Inc.

Part # PFS7628C
Download  PFS7628C Click to download

File Size   4113.4 Kbytes
Page   38 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range

PFS7628C Datasheet (HTML) - Power Integrations, Inc.


PFS7628C Product details

Key Benefits
• High efficiency and power factor across load range
• >95% efficiency from 10% load to 100% load
• <60 mW no-load consumption at 230 VAC
• PF >0.95 achievable at 20% load for H and L packages
• Programmable Power Good (PG) signal
• Digital line peak detection for robust performance even with
distorted input voltage from UPS or generators
• Digital power factor enhancer compensates for EMI filter and bridge
distortion
• Spread-spectrum across >60 kHz window simplifies EMI filtering
• Protection features include: UVLO, UV, OV, OTP, brown-in/out, cycleby-
cycle current limit and power limiting for overload protection
• Withstands 305 VAC steady-state and 410 VAC abnormal input
• Eliminates insulating pad/heat-spreader
Applications
• PC • High-power adaptors
• Printer • High-power LED lighting
• LCD TV • Industrial and appliance
• Video game consoles • Generic PFC converters
• 80 Plus™ Platinum
designs




Similar Part No. - PFS7628C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS762HG POWERINT-PFS762HG Datasheet
4Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
More results


Similar Description - PFS7628C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6333 INTERSIL-ISL6333 Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
October 8, 2010
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS7323 POWERINT-PFS7323 Datasheet
4Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
logo
Intersil Corporation
ISL6333CRZ INTERSIL-ISL6333CRZ Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
October 8, 2010
logo
Renesas Technology Corp
ISL6333 RENESAS-ISL6333 Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
logo
Texas Instruments
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
logo
Power Integrations, Inc...
PFS5173F POWERINT-PFS5173F Datasheet
1Mb / 25P
PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
March 2022
PFS7323 POWERINT-PFS7323_V01 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
PFS7523 POWERINT-PFS7523 Datasheet
3Mb / 36P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
June 2015
logo
Texas Instruments
UCC25660 TI-UCC25660 Datasheet
2Mb / 64P
UCC25660 750-kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
OCTOBER 2023
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com