Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS757 Datasheet (PDF) - Power Integrations, Inc.

TFS757 Datasheet PDF - Power Integrations, Inc.
Part # TFS757
Download  TFS757 Download
File Size   3524.94 Kbytes
Page   36 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs

TFS757 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFS757 Datasheet PDF - Power Integrations, Inc.

Part # TFS757
Download  TFS757 Click to download

File Size   3524.94 Kbytes
Page   36 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs

TFS757 Datasheet (HTML) - Power Integrations, Inc.


TFS757 Product details

Key Benefits
• Single chip solution for two-switch forward main and flyback
standby
• High integration allows smaller form factor and higher power
density designs
• Incorporates control, gate drivers, and three power
MOSFETS
• Level shift technology eliminates need for pulse transformer
• Protection features include: UV, OV, OTP, OCP, and SCP
• Transformer reset control
• Prevents transformer saturation under all conditions
• Allows >50% duty cycle operation
• Reduces primary side RMS currents and conduction losses
• Standby supply provides built-in overload power compensation
• Up to 434 W total output power in a highly compact package
• Up to 550 W peak
• High efficiency solution easily enables design to meet
stringent efficiency specifications
• >90% efficiency at full load
• No-load regulation and low losses at light-load
• Simple clip mounting to heat sink without need for insulation pad
• Halogen free and RoHS compliant
Applications
• PC
• Printer
• LCD TV
• Video game consoles
• High-power adapters
• Industrial and appliance high-power adapters




Similar Part No. - TFS757

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TFS757 POWERINT-TFS757 Datasheet
4Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
TFS757-764HG POWERINT-TFS757-764HG Datasheet
3Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers
April 2015
TFS757HG POWERINT-TFS757HG Datasheet
4Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
TFS757HG POWERINT-TFS757HG Datasheet
3Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers
April 2015
More results


Similar Description - TFS757

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042 Datasheet
335Kb / 22P
Two-Switch Power ICs with Integrated Power MOSFETs and Hot-Swap Controller
Rev 2; 6/04
MAX5953A MAXIM-MAX5953A Datasheet
500Kb / 27P
IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
Rev 1; 7/06
logo
National Semiconductor ...
LM5015 NSC-LM5015 Datasheet
389Kb / 24P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Power Integrations, Inc...
LCS700 POWERINT-LCS700 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
TFS757 POWERINT-TFS757 Datasheet
4Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
logo
Texas Instruments
LM5015 TI1-LM5015_14 Datasheet
1Mb / 28P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
LM5015 TI-LM5015_15 Datasheet
1Mb / 28P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Power Integrations, Inc...
LCS700HG POWERINT-LCS700HG_V01 Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
TFS7701 POWERINT-TFS7701 Datasheet
3Mb / 42P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
April 2015
LYT6063C POWERINT-LYT6063C Datasheet
2Mb / 38P
Flyback CV/CC LED Driver IC with Integrated High-Voltage Switch and FluxLink Feedback
June 2020
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com