Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN012 Datasheet (PDF) - Power Integrations, Inc.

SEN012 Datasheet PDF - Power Integrations, Inc.
Part # SEN012
Download  SEN012 Download
File Size   956.82 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Zero1 Loss High Voltage Sense Signal Disconnect IC

SEN012 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN012 Datasheet PDF - Power Integrations, Inc.

Part # SEN012
Download  SEN012 Click to download

File Size   956.82 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Zero1 Loss High Voltage Sense Signal Disconnect IC

SEN012 Datasheet (HTML) - Power Integrations, Inc.


SEN012 Product details

Features and Performance
• Eliminates significant standby losses
• Disconnects unnecessary circuit blocks during standby, remoteoff,
or light-load conditions
• Ultra low leakage (maximum 1 mA) 650 V MOSFETs
• <0.5 mW per channel during standby
• Single component provides remote disconnect functionality
• No external components or additional bias supply needed for
remote-off
• Integrates multiple disconnect MOSFETs, gate drive, and
protection
• Minimal component count provides higher reliability
• Protection features to help production/manufacturing yields
• Pin-to-pin fault and ESD protection
• Triggerable via remote-off signal or load conditions
• Integrated gate pull down circuit protects against loss of trigger
signal fault
• Green package technology
• RoHS compliant and halogen free
• Withstands high differential surge conditions
• S1, S2 and S3 interface with controller pins up to 6.5 V above
system ground
EcoSmart™– Energy Efficient
• <3 mW loss at 230 VAC in Off/standby mode
Applications
• ACDC converters with high-voltage resistive signal paths
• Ideal for all very low standby systems such as those meeting EuP
Lot 6 and similar energy efficiency standards




Similar Part No. - SEN012

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
SEN012 POWERINT-SEN012 Datasheet
1Mb / 8P
Zero Loss High Voltage Sense Signal Disconnect IC
SEN012-013 POWERINT-SEN012-013 Datasheet
956Kb / 8P
Zero1 Loss High Voltage Sense Signal Disconnect IC
May 2015
logo
DFROBOT
SEN0121 DFROBOT-SEN0121 Datasheet
218Kb / 3P
Steam Sensor (SKU:SEN0121)
SEN0127 DFROBOT-SEN0127 Datasheet
54Kb / 2P
Gravity: Analog Gas Sensor (MQ2) For Arduino
SEN0128 DFROBOT-SEN0128 Datasheet
229Kb / 2P
Analog Gas Sensor(MQ3) SKU:SEN0128
More results


Similar Description - SEN012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC1682 ETC2-UC1682 Datasheet
1Mb / 70P
HIGH-VOLTAGE MIXED-SIGNAL IC
logo
Fairchild Semiconductor
KA1M0380 FAIRCHILD-KA1M0380 Datasheet
36Kb / 4P
Internal high voltage sense FET
logo
Power Integrations, Inc...
SEN012 POWERINT-SEN012 Datasheet
1Mb / 8P
Zero Loss High Voltage Sense Signal Disconnect IC
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
Zero1 Loss Automatic X Capacitor Discharge IC
logo
Linear Technology
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
logo
Vicor Corporation
PI2061 VICOR-PI2061 Datasheet
1Mb / 16P
High Side High Voltage Load Disconnect Switch Controller IC
logo
Kinetic Technologies.
KTS1668 KINETIC-KTS1668 Datasheet
494Kb / 12P
4 Amp Over-Voltage Protection IC with Sense Output
July 2021 - Revision 03a
KTS1682 KINETIC-KTS1682 Datasheet
436Kb / 12P
4 Amp Over-Voltage Protection IC with Sense Output
August 2020 - Revision 04c Page
logo
Power Integrations, Inc...
CAP200DG POWERINT-CAP200DG Datasheet
681Kb / 8P
Zero1 Loss Automatic X Capacitor Discharge IC
November 2018
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com