Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNY263 Datasheet (PDF) - Power Integrations, Inc.

TNY263 Datasheet PDF - Power Integrations, Inc.
Part # TNY263
Download  TNY263 Download
File Size   1859.57 Kbytes
Page   22 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Enhanced, Energy Efficient, Low Power Off-line Switcher

TNY263 Datasheet (PDF)

Go To PDF Page Download Datasheet
TNY263 Datasheet PDF - Power Integrations, Inc.

Part # TNY263
Download  TNY263 Click to download

File Size   1859.57 Kbytes
Page   22 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Enhanced, Energy Efficient, Low Power Off-line Switcher

TNY263 Datasheet (HTML) - Power Integrations, Inc.


TNY263 Product details

TinySwitch-II Features Reduce System Cost
• Fully integrated auto-restart for short circuit and open loop fault
protection – saves external component costs
• Built-in circuitry practically eliminates audible noise with ordinary
dip-varnished transformer
• Programmable line undervoltage detect feature prevents power
on/off glitches – saves external components
• Frequency jittering dramatically reduces EMI (~10 dB)
– minimizes EMI filter component costs
• 132 kHz operation reduces transformer size – allows use of
EF12.6 or EE13 cores for low cost and small size
• Very tight tolerances and negligible temperature variation on key
parameters eases design and lowers cost
• Lowest component count switcher solution
• Expanded scalable device family for low system cost
Better Cost/Performance over RCC & Linears
• Lower system cost than RCC, discrete PWM and other
integrated/hybrid solutions
• Cost effective replacement for bulky regulated linears
• Simple ON/OFF control – no loop compensation needed
• No bias winding – simpler, lower cost transformer
• Simple design practically eliminates rework in manufacturing
EcoSmart™– Extremely Energy Efficient
• No load consumption <50 mW with bias winding and
<250 mW without bias winding at 265 VAC input
• Meets California Energy Commission (CEC), Energy Star, and
EU requirements
• Ideal for cell-phone charger and PC standby applications
High Performance at Low Cost
• High voltage powered – ideal for charger applications
• High bandwidth provides fast turn on with no overshoot
• Current limit operation rejects line frequency ripple
• Built-in current limit and thermal protection improves safety




Similar Part No. - TNY263

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263 Datasheet
200Kb / 24P
Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263 Datasheet
765Kb / 22P
Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY263 P/G POWERINT-TNY263 P/G Datasheet
1Mb / 22P
Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263-268 POWERINT-TNY263-268 Datasheet
1Mb / 22P
Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results


Similar Description - TNY263

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
Enhanced, Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
Energy Efficient, Low Power Off-line Switcher
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
Energy Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
Energy Efficient, Low Power Off-line Switcher
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
Energy-Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com