Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNY174 Datasheet (PDF) - Power Integrations, Inc.

TNY174 Datasheet PDF - Power Integrations, Inc.
Part # TNY174
Download  TNY174 Download
File Size   1973.22 Kbytes
Page   22 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range

TNY174 Datasheet (PDF)

Go To PDF Page Download Datasheet
TNY174 Datasheet PDF - Power Integrations, Inc.

Part # TNY174
Download  TNY174 Click to download

File Size   1973.22 Kbytes
Page   22 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range

TNY174 Datasheet (HTML) - Power Integrations, Inc.


TNY174 Product details

Lowest System Cost with Enhanced Flexibility
• 650 V rated integrated MOSFET
• Simple ON/OFF control, no loop compensation needed
• Selectable current limit through BP/M capacitor value
• Higher current limit extends peak power or, in open frame
applications, maximum continuous power
• Lower current limit improves efficiency in enclosed adapters/
chargers
• Allows optimum TinySwitch-LT choice by swapping devices with no
other circuit redesign
• Tight I2f parameter tolerance reduces system cost
• Maximizes MOSFET and magnetics power delivery
• Minimizes max overload power, reducing cost of transformer,
primary clamp & secondary components
• ON-time extension – extends low-line regulation range/hold-up time
to reduce input bulk capacitance
• Self-biased: no bias winding or bias components
• Frequency jittering reduces EMI filter costs
• Pin-out simplifies heat sinking to the PCB
• SOURCE pins are electrically quiet for low EMI
Enhanced Safety and Reliability Features
• Accurate hysteretic thermal shutdown protection with automatic
recovery eliminates need for manual reset
• Auto-restart delivers <3% of maximum power in short-circuit and
open loop fault conditions
• Output overvoltage shutdown with optional Zener
• Very low component count enhances reliability and enables singlesided
printed circuit board layout
• High bandwidth provides fast turn on with no overshoot and excellent
transient load response
• Extended creepage between DRAIN and all other pins improves field
• reliability
EcoSmart™– Extremely Energy Efficient
• Easily meets all global energy efficiency regulations
• No-load <150 mW at 265 VAC without bias winding,
• <50 mW with bias winding
• ON/OFF control provides constant efficiency down to very light loads
– ideal for mandatory standby consumption regulations
Applications
• Supplies for appliances, home building automation, PC standby and
other auxiliary power supplies.




Similar Part No. - TNY174

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY174 POWERINT-TNY174 Datasheet
1Mb / 22P
Energy Effi cient, Offl ine Switcher with Enhanced Flexibility and Extended Power Range
TNY174-180 POWERINT-TNY174-180 Datasheet
1Mb / 22P
Energy Effi cient, Offl ine Switcher with Enhanced Flexibility and Extended Power Range
TNY174-180 POWERINT-TNY174-180 Datasheet
1Mb / 22P
Energy Efficient, Offline Switcher with Enhanced
September 2020
TNY174P POWERINT-TNY174P Datasheet
1Mb / 22P
Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY174PN POWERINT-TNY174PN Datasheet
1Mb / 22P
Energy Effi cient, Offl ine Switcher with Enhanced Flexibility and Extended Power Range
More results


Similar Description - TNY174

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY174 POWERINT-TNY174 Datasheet
1Mb / 22P
Energy Effi cient, Offl ine Switcher with Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com