Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP254 Datasheet (PDF) - Power Integrations, Inc.

TOP254 Datasheet PDF - Power Integrations, Inc.
Part # TOP254
Download  TOP254 Download
File Size   3977.79 Kbytes
Page   50 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range

TOP254 Datasheet (PDF)

Go To PDF Page Download Datasheet
TOP254 Datasheet PDF - Power Integrations, Inc.

Part # TOP254
Download  TOP254 Click to download

File Size   3977.79 Kbytes
Page   50 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range

TOP254 Datasheet (HTML) - Power Integrations, Inc.


TOP254 Product details

Lower System Cost, Higher Design Flexibility
• Multi-mode operation maximizes efficiency at all loads
• New eSIP-7F and eSIP-7C packages
• Low thermal impedance junction-to-case (2 °C per watt)
• Low height is ideal for adapters where space is limited
• Simple mounting using a clip to aid low cost manufacturing
• Horizontal eSIP-7F package ideal for ultra low height adapter
and monitor applications
• Extended package creepage distance from DRAIN pin to
adjacent pin and to heat sink
• No heat sink required up to 35 W using P, G and M packages
with universal input voltage and up to 48 W at 230 VAC
• Output overvoltage protection (OVP) is user programmable for
latching/non-latching shutdown with fast AC reset
• Allows both primary and secondary sensing
• Line undervoltage (UV) detection prevents turn-off glitches
• Line overvoltage (OV) shutdown extends line surge limit
• Accurate programmable current limit
• Optimized line feed-forward for line ripple rejection
• 132 kHz frequency (254Y-258Y and all E/L packages) reduces
transformer and power supply size
• Half frequency option for video applications
• Frequency jittering reduces EMI filter cost
• Heat sink is connected to SOURCE for low EMI
• Improved auto-restart delivers <3% of maximum power in
short circuit and open loop fault conditions
• Accurate hysteretic thermal shutdown function automatically
recovers without requiring a reset
• Fully integrated soft-start for minimum start-up stress
• Extended creepage between DRAIN and all other pins
improves field reliability




Similar Part No. - TOP254

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP254 POWERINT-TOP254 Datasheet
1Mb / 42P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP254EN POWERINT-TOP254EN Datasheet
1Mb / 48P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP254EN POWERINT-TOP254EN Datasheet
1Mb / 49P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP254GN POWERINT-TOP254GN Datasheet
1Mb / 48P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP254GN POWERINT-TOP254GN Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
More results


Similar Description - TOP254

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP252-262 POWERINT-TOP252-262 Datasheet
1Mb / 48P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP257YN POWERINT-TOP257YN Datasheet
2Mb / 48P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP261YN POWERINT-TOP261YN Datasheet
1Mb / 49P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP258MG POWERINT-TOP258MG Datasheet
2Mb / 48P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP259YN POWERINT-TOP259YN Datasheet
2Mb / 48P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP260YN POWERINT-TOP260YN Datasheet
3Mb / 51P
Enhanced EcoSmart?? Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP257EG POWERINT-TOP257EG Datasheet
3Mb / 50P
Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP242 POWERINT-TOP242 Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
TOP254 POWERINT-TOP254 Datasheet
1Mb / 42P
Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
TOP242 POWERINT-TOP242_V01 Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com