Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMECS640A0 Datasheet (PDF) - ON Semiconductor

NFMECS640A0 Datasheet PDF - ON Semiconductor
Part # NFMECS640A0
Download  NFMECS640A0 Download
File Size   2158.62 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Sensorless BLDC ecoSpin Motor Controller, with Gate Drivers Arm Cortex-M0, 600 V, FAN73896

NFMECS640A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
NFMECS640A0 Datasheet PDF - ON Semiconductor

Part # NFMECS640A0
Download  NFMECS640A0 Click to download

File Size   2158.62 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Sensorless BLDC ecoSpin Motor Controller, with Gate Drivers Arm Cortex-M0, 600 V, FAN73896

NFMECS640A0 Datasheet (HTML) - ON Semiconductor


NFMECS640A0 Product details

Overview
EcoSpin Motor Controller ECS640A is a 3−phase BLDC
configurable motor control system in package that integrates an
ultra−low−power optimized Arm Cortex−M0+ microcontroller
(Nebo−40−64), three sense amplifiers and a reference amplifier
(NCS20034), three bootstrap diodes, and a high−voltage gate−driver
designed for high−voltage, high−speed operation, with the ability to
drive MOSFETs and IGBTs operating up to 600 V (FAN73896). Six
gate driver outputs provide sink/source of 350 mA/650 mA (typ) gate
current to external power devices. The device includes Hall Sensor
inputs to support either sensored or sensorless operation. Three
independent low−side source pins allow for single or multiple shunt
measurement.
Protection functions include under−voltage lockout and inverter
over−current trip with an automatic fault−clear function. An
open−drain fault signal is provided to indicate that a fault condition
has occurred.
Direct Torque & Flux Control (DTFC) firmware is available and
allows optimal motor performance on the Arm Cortex−M0+ platform.
The small footprint and integration make this device a perfect fit
with discrete power devices to maximize scalability across platforms
and to minimize area requirements as power levels scale.

Features
• Arm Cortex−M0+ (Nebo−40−64)
♦ 40 MHz Clock Frequency
♦ 8 kB RAM Memory
♦ 64 kB Flash Memory
• 600 V Gate Driver (FAN73896)
♦ 350 mA/650 mA Sourcing/Sinking Current Driving Capability
• 4 Sense Amps for Current Sensing (NCS20034)
• Integrated Bootstrap Diodes
• Communication: I2C, UART and SPI
• Firmware Available, Sensorless Direct Torque and Flux Control
• Max Power Dissipation: 1.8 W
• Temperature Range: −40 to 105°C
• These are Pb−Free Devices

Typical Applications
• Three−Phase Brushless DC (BLDC) Sensorless Motor Control
• Three−Phase Brushless DC (BLDC) Sensor Based Motor Control




Similar Part No. - NFMECS640A0

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFM NIC-NFM Datasheet
202Kb / 4P
Surface Mount Multilayer Power Inductor
logo
Mean Well Enterprises C...
NFM-05 MEANWELL-NFM-05 Datasheet
232Kb / 2P
5W Output Switching Power Supply
NFM-05-12 MEANWELL-NFM-05-12 Datasheet
232Kb / 2P
5W Output Switching Power Supply
NFM-05-12 MEANWELL-NFM-05-12 Datasheet
250Kb / 2P
5W Output Switching Power Supply
NFM-05-15 MEANWELL-NFM-05-15 Datasheet
232Kb / 2P
5W Output Switching Power Supply
More results


Similar Description - NFMECS640A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
Sensorless BLDC Motor Controller
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
Bi-directional Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
Sensorless BLDC Controller
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
Sensorless BLDC Controller
logo
Princeton Technology Co...
PT32M621 PTC-PT32M621 Datasheet
131Kb / 2P
ARM 짰 Cortex??M0 Micontroller
PT32M622 PTC-PT32M622 Datasheet
271Kb / 4P
ARM 짰 Cortex??M0 Micro Controller
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
3-Phase Sensorless BLDC Motor Controller
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com