Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMX100UNE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMX100UNE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMX100UNE
Download  PMX100UNE Download
File Size   274.23 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, N-channel Trench MOSFET

PMX100UNE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMX100UNE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMX100UNE
Download  PMX100UNE Click to download

File Size   274.23 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, N-channel Trench MOSFET

PMX100UNE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMX100UNE Product details

General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN0603-3
(SOT8013) Surface-Mounted Device (SMD) using Trench MOSFET technology.

Features and benefits
• Low threshold voltage
• Trench MOSFET technology
• Low profile (0.25 mm)
• ElectroStatic Discharge (ESD) protection > 2 kV HBM

Applications
• Battery switch
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMX100UNE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMX100UN NEXPERIA-PMX100UN Datasheet
277Kb / 14P
20 V, N-channel Trench MOSFET
2 December 2021
PMX100UN NEXPERIA-PMX100UN Datasheet
276Kb / 14P
20 V, N-channel Trench MOSFET
7 April 2021
PMX100UNZ NEXPERIA-PMX100UNZ Datasheet
276Kb / 14P
20 V, N-channel Trench MOSFET
7 April 2021
PMX100UN NEXPERIA-PMX100UN_V01 Datasheet
276Kb / 14P
20 V, N-channel Trench MOSFET
7 April 2021
More results


Similar Description - PMX100UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMZB150UNE PHILIPS-PMZB150UNE_15 Datasheet
228Kb / 15P
20 V, N-channel Trench MOSFET
24 March 2015
PMV16XN PHILIPS-PMV16XN_15 Datasheet
263Kb / 15P
20 V, N-channel Trench MOSFET
11 November 2014
PMXB43UNE PHILIPS-PMXB43UNE_15 Datasheet
253Kb / 15P
20 V, N-channel Trench MOSFET
19 September 2013
logo
Nexperia B.V. All right...
PMCM4401UNE NEXPERIA-PMCM4401UNE Datasheet
269Kb / 15P
20 V, N-channel Trench MOSFET
PMCM6501UNE NEXPERIA-PMCM6501UNE Datasheet
390Kb / 15P
20 V, N-channel Trench MOSFET
PMV16XN NEXPERIA-PMV16XN Datasheet
724Kb / 15P
20 V, N-channel Trench MOSFET
PMV30UN2 NEXPERIA-PMV30UN2 Datasheet
733Kb / 15P
20 V, N-channel Trench MOSFET
PMZ600UNE NEXPERIA-PMZ600UNE Datasheet
726Kb / 15P
20 V, N-channel Trench MOSFET
BUK4D16-20 NEXPERIA-BUK4D16-20 Datasheet
318Kb / 15P
20 V, N-channel Trench MOSFET
29 March 2021
PMPB23XNEA NEXPERIA-PMPB23XNEA Datasheet
299Kb / 14P
20 V, N-channel Trench MOSFET
27 March 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com