Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-2140WP Datasheet (PDF) - Advantech Co., Ltd.

TPC-2140WP Datasheet PDF - Advantech Co., Ltd.
Part # TPC-2140WP
Download  TPC-2140WP Download
File Size   495.38 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-Core Processor

TPC-2140WP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC-2140WP Datasheet PDF - Advantech Co., Ltd.

Part # TPC-2140WP
Download  TPC-2140WP Click to download

File Size   495.38 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-Core Processor

TPC-2140WP Datasheet (HTML) - Advantech Co., Ltd.


TPC-2140WP Product details

Features
ƒƒ 21.5" Full HD TFT LED LCD display with 16:9 widescreen aspect ratio
ƒƒ AMD dual-core T56E 1.65 GHz processor with independent GPU for advanced
graphics performance
ƒƒ IP66-rated, true-flat touchscreen with PCAP multi-touch control
ƒƒ Built-in function key and home key for intuitive operation
ƒƒ Anti-scratch surface with 7H hardness
ƒƒ Easy-access CFast, HDD, and mini PCIe slots
ƒƒ Supports expansion via mini PCIe slot
ƒƒ Supports HDMI for secondary display
ƒƒ Supports HD audio for alarm applications
ƒƒ Front-facing LED indicators for showing operating status
ƒƒ Compact design with die cast magnesium alloy front bezel
ƒƒ Fanless cooling system
ƒƒ Winner of the 2013 iF product design award




Similar Part No. - TPC-2140WP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-2140WP-T3AE ADVANTECH-TPC-2140WP-T3AE Datasheet
416Kb / 2P
21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-core processor
More results


Similar Description - TPC-2140WP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-660G ADVANTECH-TPC-660G Datasheet
644Kb / 2P
AMD LX800 Touch Panel Computer with 6.4 VGA TFT LCD Display
SPC-1840WP-T3AE ADVANTECH-SPC-1840WP-T3AE Datasheet
533Kb / 2P
18.5" WXGA TFT LED LCD stationary Multi-Touch Panel Computer with AMD dual-core processor
SPC-2140WP-T3AE ADVANTECH-SPC-2140WP-T3AE Datasheet
502Kb / 2P
21.5" Full HD TFT LED LCD stationary Multi-Touch Panel Computer
TPC-1840WP-T3AE ADVANTECH-TPC-1840WP-T3AE Datasheet
425Kb / 2P
18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-core processor
TPC-2140WP-T3AE ADVANTECH-TPC-2140WP-T3AE Datasheet
416Kb / 2P
21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-core processor
logo
Axiomtek Co., Ltd.
GOT3217W-881-PCT AXIOMTEK-GOT3217W-881-PCT Datasheet
483Kb / 2P
21.5 Full HD TFT Fanless Multi-Touch Panel Computer with LGA1150 Socket 4th Generation Intel Core
logo
LG Semicon Co.,Ltd.
LM215WF3 LG-LM215WF3 Datasheet
597Kb / 32P
21.5??Full HD TFT LCD
logo
Advantech Co., Ltd.
SPC-221 ADVANTECH-SPC-221 Datasheet
467Kb / 2P
21.5" Full HD LED LCD Stationary Multi-Touch Panel Computer
5-Jan-2021
SPC-815 ADVANTECH-SPC-815 Datasheet
543Kb / 2P
15.6" HD TFT LED LCD/21.5" Full HD TFT LED LCD Standalone Multi-Touch Panel Computer
24-Jun-2022
TPC-1840WP ADVANTECH-TPC-1840WP Datasheet
504Kb / 2P
18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-Core Processor
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com