Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA228228 Datasheet (PDF) - Renesas Technology Corp

RAA228228 Datasheet PDF - Renesas Technology Corp
Part # RAA228228
Download  RAA228228 Download
File Size   219.48 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)

RAA228228 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA228228 Datasheet PDF - Renesas Technology Corp

Part # RAA228228
Download  RAA228228 Click to download

File Size   219.48 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)

RAA228228 Datasheet (HTML) - Renesas Technology Corp


RAA228228 Product details

Features
• Advanced linear digital modulation scheme
○ Auto phase add/drop with PFM mode for
excellent load vs efficiency profile
○ Dual edge modulation with optional diode braking
for faster transient response
○ Excellent VOUT transition performance
○ Zero latency synthetic current control for excellent
high-frequency current balance
• Flexible phase assignment from 0 to 20 phases per
output
• Up to 2MHz switching frequency operation for high
density designs
• Differential remote voltage sensing supports ±0.5%
closed-loop system accuracy over load, line, and
temperature
• Highly accurate current sensing for excellent load
line regulation and accurate OCP
• Supports the full range of Renesas Smart Power
Stage (SPS) devices
• Comprehensive fault management enables high
reliability systems
○ Pulse-by-pulse (per phase) and total output
current limiting
○ Black Box status recording capability with first
fault indicator
• Intuitive configuration using PowerNavigator
• SMBus/PMBus V1.3 and AVSBus compatible
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)
Applications
• Artificial Intelligence/accelerator cards (FPGA,
ASIC)
• Network equipment
• Server/storage equipment
• Telecom/datacom equipment
• Point-of-load power supply (DSP, ASIC, FPGA)




Similar Part No. - RAA228228

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
More results


Similar Description - RAA228228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40425 TI-TPS40425_15 Datasheet
2Mb / 95P
TPS40425 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
TPS40428 TI-TPS40428_15 Datasheet
2Mb / 92P
TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
ZL8101 INTERSIL-ZL8101 Datasheet
924Kb / 36P
Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
logo
Renesas Technology Corp
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
ISL68225 RENESAS-ISL68225 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
ISL68226 RENESAS-ISL68226 Datasheet
1Mb / 96P
Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com