Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLGC55545V Datasheet (PDF) - Renesas Technology Corp

SLGC55545V Datasheet PDF - Renesas Technology Corp
Part # SLGC55545V
Download  SLGC55545V Download
File Size   605.16 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB Charging Port Power Switch and Controller

SLGC55545V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLGC55545V Datasheet PDF - Renesas Technology Corp

Part # SLGC55545V
Download  SLGC55545V Click to download

File Size   605.16 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB Charging Port Power Switch and Controller

SLGC55545V Datasheet (HTML) - Renesas Technology Corp


SLGC55545V Product details

General Description
Renesas SLGC55545V is a combination of current-limited
USB port power switch with a USB 2.0 high-speed data line
(D+/D-) switch and USB charging port identification circuit.
Applications include notebook PCs and other intelligent USB
host devices. The wide bandwidth (2.6 GHz) data-line switch
also features low capacitance and low on resistance, allowing
signals to pass with minimum edge and phase distortion. The
SLGC55545V monitors D+ and D-, providing the correct
hand-shaking protocol with compliant client devices.
Features
• Meets Battery Charging Specification BC1.2 for DCP and
CDP
• Meets Chinese Telecommunications Industry Standard
YD/T 1591-2009
• Supports Non-BC 1.2 charging modes via Automatic
selection
- DM/DP Divider Modes 2.7 V/2.0 V (1 A) & 2.0 V/2.7 V
(2 A)
- DM/DP 1.2 V Mode
• Compatible with USB 2.0/3.0 power switch requirements
• 73 mΩ (typ) high side MOSFET
• Adjustable Current Limit up to 3.0 A (typ)
• Pb-Free / RoHS Compliant
• Halogen-Free
• TQFN-16 Package
• UL Listed and CB File No. E468659




Similar Part No. - SLGC55545V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
USB Charging Port Power Switch and Controller
More results


Similar Description - SLGC55545V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
USB Charging Port Power Switch and Controller
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
USB Charging Port Controller and Power Switch
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
USB Charging Port Controller and Detection Power Switch
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
USB Charging Port Power Switch and Controller
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
USB Charging Port Power Switch and Controller
February 8, 2022
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
USB Charging Port Power Switch and Controller
8-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com