Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74479081 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

74479081 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 74479081
Download  74479081 Download
File Size   539.53 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MI SMT Multilayer Inductor

74479081 Datasheet (PDF)

Go To PDF Page Download Datasheet
74479081 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74479081
Download  74479081 Click to download

File Size   539.53 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MI SMT Multilayer Inductor

74479081 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


74479081 Product details

General Properties:
Ambient Temperature (referring
to IR) -55 up to +85 °C
Operating Temperature -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 74479081

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447908 WURTH-7447908 Datasheet
784Kb / 5P
WE-MI SMD Multilayer Inductor
More results


Similar Description - 74479081

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74479118 WURTH-74479118 Datasheet
600Kb / 6P
WE-MI SMT Multilayer Inductor
001.000
74479132J WURTH-74479132J Datasheet
600Kb / 6P
WE-MI SMT Multilayer Inductor
001.000
74479152J WURTH-74479152J Datasheet
600Kb / 6P
WE-MI SMT Multilayer Inductor
001.000
7447915J WURTH-7447915J Datasheet
600Kb / 6P
WE-MI SMT Multilayer Inductor
001.001
74479182 WURTH-74479182 Datasheet
600Kb / 6P
WE-MI SMT Multilayer Inductor
001.000
74479183 WURTH-74479183 Datasheet
600Kb / 6P
WE-MI SMT Multilayer Inductor
008.001
74479184 WURTH-74479184 Datasheet
600Kb / 6P
WE-MI SMT Multilayer Inductor
008.001
74479645J WURTH-74479645J Datasheet
537Kb / 6P
WE-MI SMT Multilayer Inductor
001.000
744796527 WURTH-744796527 Datasheet
537Kb / 6P
WE-MI SMT Multilayer Inductor
001.000
74479681 WURTH-74479681 Datasheet
537Kb / 6P
WE-MI SMT Multilayer Inductor
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com