Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4206F Datasheet (PDF) - Toshiba Semiconductor

TPD4206F Datasheet PDF - Toshiba Semiconductor
Part # TPD4206F
Download  TPD4206F Download
File Size   574.44 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC

TPD4206F Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4206F Datasheet PDF - Toshiba Semiconductor

Part # TPD4206F
Download  TPD4206F Click to download

File Size   574.44 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC

TPD4206F Datasheet (HTML) - Toshiba Semiconductor


TPD4206F Product details

The TPD4206F is a DC brush less motor driver using high
voltage PWM control. It is fabricated by high voltage MOSFET
(500 V). It is three-shunt resistor circuit for current sensing. It
contains level shift high-side driver, low-side driver, MOSFET
outputs, and protective functions for over-current circuit and
shutdown function and under voltage protection circuits and
thermal shutdown circuit. It is easy to control a DC brush less
motor by just putting logic inputs from a MPU or motor controller
to the TPD4206F.

Features
• High voltage power side and low voltage signal side terminal
are separated.
• It is the best for current sensing in three shunt resistance.
• Bootstrap circuit gives simple high-side supply.
• Bootstrap diodes are built in.
• A dead time can be set as a minimum of 1.4 μs, and it is suitable for a Sine-wave drive.
• 3-phase bridge output using MOSFETs.
• Included over-current and under-voltage protection and shutdown, and thermal shutdown.
• The regulator of 7 V (typ.) is built in.
• The package is a surface mount type 30 pin package.




Similar Part No. - TPD4206F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4204F TOSHIBA-TPD4204F Datasheet
549Kb / 15P
TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
2018-04-09
TPD4207F TOSHIBA-TPD4207F Datasheet
542Kb / 15P
TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
2018-04-12
More results


Similar Description - TPD4206F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135K TOSHIBA-TPD4135K Datasheet
371Kb / 23P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4204F TOSHIBA-TPD4204F Datasheet
549Kb / 15P
TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
2018-04-09
TPD4207F TOSHIBA-TPD4207F Datasheet
542Kb / 15P
TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
2018-04-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com