Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSH10 Datasheet (PDF) - Central Semiconductor Corp

MPSH10 Datasheet PDF - Central Semiconductor Corp
Part # MPSH10
Download  MPSH10 Download
File Size   642.82 Kbytes
Page   5 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description NPN - RF Transistor Die 50mA, 25 Volt

MPSH10 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSH10 Datasheet PDF - Central Semiconductor Corp

Part # MPSH10
Download  MPSH10 Click to download

File Size   642.82 Kbytes
Page   5 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description NPN - RF Transistor Die 50mA, 25 Volt

MPSH10 Datasheet (HTML) - Central Semiconductor Corp




Similar Part No. - MPSH10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors(NPN Silicon)
1996
logo
NXP Semiconductors
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
NPN 1 GHz general purpose switching transistor
1998 Aug 27
logo
Fairchild Semiconductor
MPSH10 FAIRCHILD-MPSH10 Datasheet
71Kb / 6P
NPN RF Transistor
logo
Central Semiconductor C...
MPSH10 CENTRAL-MPSH10 Datasheet
20Kb / 1P
Small Signal Transistors
More results


Similar Description - MPSH10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
PNP - Silicon RF Transistor Die 50mA, 20 Volt
CP229-2N5109 CENTRAL-CP229-2N5109 Datasheet
585Kb / 8P
NPN - RF Transistor Die 0.4 Amp, 20 Volt
R0 5-May 2016
CP243-CM5943 CENTRAL-CP243-CM5943 Datasheet
665Kb / 9P
NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
CP317X-2N2857 CENTRAL-CP317X-2N2857 Datasheet
420Kb / 4P
NPN - RF Transistor Die 40mA, 15 Volt
R0 8-May 2018
CP317X-2N5179 CENTRAL-CP317X-2N5179 Datasheet
451Kb / 4P
NPN - RF Transistor Die 50mA, 12 Volt
R0 6-September 2017
CP317X-2N5770 CENTRAL-CP317X-2N5770 Datasheet
452Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP317X-2N918 CENTRAL-CP317X-2N918 Datasheet
456Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 6-September 2017
CP317X-BFY90 CENTRAL-CP317X-BFY90 Datasheet
420Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP322-CJD200 CENTRAL-CP322-CJD200 Datasheet
315Kb / 3P
NPN - Power Transistor Die 5.0 Amp, 25 Volt
R0 13-May 2022
CP617-CM4957 CENTRAL-CP617-CM4957 Datasheet
544Kb / 8P
PNP - RF Transistor Die 30mA, 25 Volt
R1 21-March 2017
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com