Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

136RVI Datasheet (PDF) - Vishay Siliconix

136RVI Datasheet PDF - Vishay Siliconix
Part # 136RVI_V01
Download  136RVI Download
File Size   148.93 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Very Low Impedance

136RVI Datasheet (PDF)

Go To PDF Page Download Datasheet
136RVI Datasheet PDF - Vishay Siliconix

Part # 136RVI_V01
Download  136RVI Click to download

File Size   148.93 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Very Low Impedance

136RVI Datasheet (HTML) - Vishay Siliconix


136RVI Product details

FEATURES
• Very low impedance and low ESR
• Very long useful life:
4000 h to 10 000 h at 105 °C, very high reliability
• Excellent ripple current capability
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte
• Radial leads, cylindrical aluminum case with pressure
relief, insulated with a blue sleeve
• Charge and discharge proof
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 136RVI_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI_07 Datasheet
152Kb / 11P
Aluminum Capacitors Radial Very Low Impedance
21-Dec-07
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
Aluminum Capacitors Radial Very Low Impedance
20-Jul-12
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
Aluminum Electrolytic Capacitors Radial Very Low Impedance
16-Sep-16
More results


Similar Description - 136RVI_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
Aluminum electrolytic capacitors Radial, Very Low Impedance
136RVI VISHAY-136RVI_07 Datasheet
152Kb / 11P
Aluminum Capacitors Radial Very Low Impedance
21-Dec-07
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
Aluminum Capacitors Radial Very Low Impedance
20-Jul-12
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
06-Oct-16
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
Aluminum Electrolytic Capacitors Radial Very Low Impedance
16-Sep-16
190RTL VISHAY-190RTL Datasheet
128Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
24-Apr-2020
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
27-Mar-2020
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
06-Oct-16
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
27-Mar-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com