Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF020A-104I/SN Datasheet (PDF) - Microchip Technology

SST26VF020A-104I/SN Datasheet PDF - Microchip Technology
Part # SST26VF020A-104I/SN
Download  SST26VF020A-104I/SN Download
File Size   2411.12 Kbytes
Page   74 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory

SST26VF020A-104I/SN Datasheet (PDF)

Go To PDF Page Download Datasheet
SST26VF020A-104I/SN Datasheet PDF - Microchip Technology

Part # SST26VF020A-104I/SN
Download  SST26VF020A-104I/SN Click to download

File Size   2411.12 Kbytes
Page   74 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory

SST26VF020A-104I/SN Datasheet (HTML) - Microchip Technology


SST26VF020A-104I/SN Product details

Product Description
The Serial Quad I/O™ (SQI™) family of Flash memory
devices features a six-wire, 4-bit I/O interface that
allows for low-power, high-performance operation in a
low pin count package. SST26VF020A also supports
full command-set compatibility to traditional Serial
Peripheral Interface (SPI) protocol. System designs
using SQI Flash devices occupy less board space and
ultimately lower system costs.
All members of the 26 Series, SQI family are
manufactured with proprietary, high-performance
CMOS SuperFlash® technology. The split-gate cell
design and thick-oxide tunneling injector attain better
reliability and manufacturability compared with
alternate approaches.
SST26VF020A significantly improves performance and
reliability, while lowering power consumption. These
devices write (Program or Erase) with a single-power
supply of 2.3V-3.6V. The total energy consumed is a
function of the applied voltage, current and time of
application. Since for any given voltage range, the
SuperFlash technology uses less current to program
and has a shorter erase time, the total energy
consumed during any erase or program operation is
less than alternative Flash memory technologies.

Features
• Single Voltage Read and Write Operations:
- 2.7V-3.6V or 2.3V-3.6V
• Serial Interface Architecture:
- Nibble-wide multiplexed I/O’s with SPI-like
serial command structure:
- Mode 0 and Mode 3
- x1/x2/x4 Serial Peripheral Interface (SPI) Protocol
• High-Speed Clock Frequency:
- 2.7V-3.6V: 104 MHz maximum (Industrial)
- 2.3V-3.6V: 80 MHz maximum (Industrial and
Extended)
• Burst Modes:
- Continuous linear burst
- 8/16/32/64-byte linear burst with wrap-around
• Superior Reliability:
- Endurance: 100,000 cycles (minimum)
- Greater than 100 years data retention
• Low-Power Consumption:
- Active Read current: 15 mA (typical
@ 104 MHz)
- Standby Current: 15 μA (typical)
• Fast Erase Time:
- Sector/Block Erase: 20 ms (typical), 25 ms
(maximum)
- Chip Erase: 40 ms (typical), 50 ms
(maximum)
• Page-Program:
- 256 bytes per page in x1 or x4 mode
• End-of-Write Detection:
- Software polling the BUSY bit in STATUS
register
• Flexible Erase Capability:
- Uniform 4-Kbyte sectors
- Uniform 32-Kbyte overlay blocks
- Uniform 64-Kbyte overlay blocks
• Write-Suspend:
- Suspend program or erase operation to
access another block/sector
• Software Reset (RST) mode
• Software Write Protection:
- Write protection through Block Protection bits
in STATUS register
• Security ID:
- One-Time-Programmable (OTP) 2-Kbyte
Secure ID:
- 128-bit unique, factory preprogrammed
identifier
- User-programmable area
• Temperature Range:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
• Automotive AEC-Q100 Qualified
• Packages Available:
- 8-contact WDFN (6 mm x 5 mm)
- 8-lead SOIC (3.90 mm)
• All Devices are RoHS Compliant




Similar Part No. - SST26VF020A-104I/SN

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
SST26VF016 SST-SST26VF016 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
SST26VF016-80-5I-QE SST-SST26VF016-80-5I-QE Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
SST26VF016-80-5I-S2E SST-SST26VF016-80-5I-S2E Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
More results


Similar Description - SST26VF020A-104I/SN

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
3.0V Serial Quad I/O (SQI) Flash Memory
2013
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26WF016B MICROCHIP-SST26WF016B Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com