Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

140RTM Datasheet (PDF) - Vishay Siliconix

140RTM Datasheet PDF - Vishay Siliconix
Part # 140RTM
Download  140RTM Download
File Size   111.94 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial, High Temperature Miniature

140RTM Datasheet (PDF)

Go To PDF Page Download Datasheet
140RTM Datasheet PDF - Vishay Siliconix

Part # 140RTM
Download  140RTM Click to download

File Size   111.94 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial, High Temperature Miniature

140RTM Datasheet (HTML) - Vishay Siliconix


140RTM Product details

FEATURES
• Very long useful life: 2500 h to 4000 h at 125 °C
• High stability, high reliability
• AEC-Q200 qualified
• Extended temperature range up to 125 °C
• High ripple current capability
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case with pressure
relief, insulated with a blue sleeve
• Charge and discharge proof
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 140RTM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
Aluminum Capacitors Radial, High Temperature Miniature
30-Jun-05
140RTM VISHAY-140RTM Datasheet
114Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
Aluminum Capacitors Radial, High Temperature Miniature
15-Nov-12
140RTM VISHAY-140RTM_16 Datasheet
114Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
More results


Similar Description - 140RTM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
Aluminum Capacitors Radial, High Temperature Miniature
30-Jun-05
logo
RFE international
SG0R1M1HSA040070 RFE-SG0R1M1HSA040070 Datasheet
83Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS SG Series: Radial, Miniature, High Temperature Range, 105C
logo
Vishay Siliconix
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
Aluminum Capacitors Radial, High Temperature Miniature
15-Nov-12
146-RTI VISHAY-146-RTI Datasheet
133Kb / 9P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
14-Feb-16
140RTM VISHAY-140RTM_16 Datasheet
114Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
142RHS VISHAY-142RHS_16 Datasheet
135Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
19-Sep-16
152RMH VISHAY-152RMH_17 Datasheet
107Kb / 6P
Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
17-Mar-17
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
28-Feb-17
142RHS VISHAY-142RHS_V01 Datasheet
130Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
01-Jul-2022
152RMH VISHAY-152RMH_V01 Datasheet
105Kb / 6P
Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
17-Mar-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com