Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

183CPHT Datasheet (PDF) - Vishay Siliconix

183CPHT Datasheet PDF - Vishay Siliconix
Part # 183CPHT_V01
Download  183CPHT Download
File Size   98.06 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hybrid Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance

183CPHT Datasheet (PDF)

Go To PDF Page Download Datasheet
183CPHT Datasheet PDF - Vishay Siliconix

Part # 183CPHT_V01
Download  183CPHT Click to download

File Size   98.06 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hybrid Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance

183CPHT Datasheet (HTML) - Vishay Siliconix


183CPHT Product details

FEATURES
• Long useful life: up to 4000 h at 125 °C
• Very low ESR and high ripple current
• High voltages up to 80 V
• SMD-version with base plate, lead (Pb)-free reflow
solderable
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 183CPHT_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
183CPHT VISHAY-183CPHT Datasheet
98Kb / 6P
Hybrid Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
04-Feb-2021
More results


Similar Description - 183CPHT_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
20-May-15
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
20-May-15
MAL218097506E3 VISHAY-MAL218097506E3 Datasheet
105Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
20-May-15
MAL218197701E3 VISHAY-MAL218197701E3 Datasheet
101Kb / 7P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
20-May-15
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
04-Feb-2021
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
04-Feb-2021
183CPHT VISHAY-183CPHT Datasheet
98Kb / 6P
Hybrid Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
04-Feb-2021
182CPHZ VISHAY-182CPHZ Datasheet
98Kb / 6P
Hybrid Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Apr-2021
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
182CPHZ VISHAY-182CPHZ_V01 Datasheet
98Kb / 6P
Hybrid Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com