Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

193PUR-SI Datasheet (PDF) - Vishay Siliconix

193PUR-SI Datasheet PDF - Vishay Siliconix
Part # 193PUR-SI
Download  193PUR-SI Download
File Size   111.5 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In

193PUR-SI Datasheet (PDF)

Go To PDF Page Download Datasheet
193PUR-SI Datasheet PDF - Vishay Siliconix

Part # 193PUR-SI
Download  193PUR-SI Click to download

File Size   111.5 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In

193PUR-SI Datasheet (HTML) - Vishay Siliconix


193PUR-SI Product details

FEATURES
• Compact design
• Useful life: 5000 h at 105 °C
• > 25 years 24/7 application life at 60 °C
• Available up to 500 V
• 10 % to 30 % higher ripple current than similar sized
standard products
• Keyed polarity snap-in version available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 193PUR-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
193PUR-SI VISHAY-193PUR-SI Datasheet
90Kb / 4P
Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
21-Jun-12
193PUR-SI-SOLAR VISHAY-193PUR-SI-SOLAR Datasheet
112Kb / 5P
Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
31-Jan-17
193PUR-SI VISHAY-193PUR-SI_V02 Datasheet
119Kb / 8P
Aluminum Electrolytic Capacitors
19-Sep-2025
More results


Similar Description - 193PUR-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
198PHR-SI VISHAY-198PHR-SI Datasheet
98Kb / 7P
Aluminum Capacitors Power High Ripple Current Snap-In
08-Aug-08
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
21-May-15
198PHR VISHAY-198PHR_15 Datasheet
102Kb / 8P
Aluminum Capacitors, Power High Ripple Current Snap-In
15-Oct-13
198PHR-SI VISHAY-198PHR-SI_16 Datasheet
118Kb / 8P
Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
17-Oct-16
259PHM-SI VISHAY-259PHM-SI Datasheet
118Kb / 9P
Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
05-Jun-2020
198PHR VISHAY-198PHR Datasheet
115Kb / 8P
Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
17-Oct-16
198PHR-SI VISHAY-198PHR-SI_V01 Datasheet
115Kb / 8P
Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
17-Oct-16
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
17-Oct-16
259PHM-SI VISHAY-259PHM-SI_V01 Datasheet
118Kb / 9P
Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
05-Jun-2020
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
17-Oct-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com