Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

257PRM-SI Datasheet (PDF) - Vishay Siliconix

257PRM-SI Datasheet PDF - Vishay Siliconix
Part # 257PRM-SI_V01
Download  257PRM-SI Download
File Size   124.5 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In

257PRM-SI Datasheet (PDF)

Go To PDF Page Download Datasheet
257PRM-SI Datasheet PDF - Vishay Siliconix

Part # 257PRM-SI_V01
Download  257PRM-SI Click to download

File Size   124.5 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In

257PRM-SI Datasheet (HTML) - Vishay Siliconix


257PRM-SI Product details

FEATURES
• Up to 500 V
• Useful life: 5000 h at 85 °C
• > 10 years 24/7 application life up to 50 °C
• 10 % to 20 % higher ripple current rating than 093 PMG-SI
• Keyed polarity version available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 257PRM-SI_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
257PRM-SI VISHAY-257PRM-SI Datasheet
124Kb / 10P
Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
05-Jun-2020
More results


Similar Description - 257PRM-SI_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
056PSM-SI ETC2-056PSM-SI Datasheet
999Kb / 20P
Aluminum electrolytic capacitors Power Standard Miniature Snap-in
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
20-May-15
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
17-Oct-16
198PHR-SI VISHAY-198PHR-SI_16 Datasheet
118Kb / 8P
Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
17-Oct-16
257PRM-SI VISHAY-257PRM-SI Datasheet
124Kb / 10P
Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
05-Jun-2020
198PHR VISHAY-198PHR Datasheet
115Kb / 8P
Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
17-Oct-16
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
02-Nov-16
198PHR-SI VISHAY-198PHR-SI_V01 Datasheet
115Kb / 8P
Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
17-Oct-16
056PSM-SI VISHAY-056PSM-SI_V01 Datasheet
148Kb / 11P
Aluminum Electrolytic Capacitors Power Standard Miniature Snap-In
21-Nov-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com