Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1847466 Datasheet (PDF) - PHOENIX CONTACT

1847466 Datasheet PDF - PHOENIX CONTACT
Part # 1847466
Download  1847466 Download
File Size   547.93 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MC 1,5/ 2-GF-5,08

1847466 Datasheet (PDF)

Go To PDF Page Download Datasheet
1847466 Datasheet PDF - PHOENIX CONTACT

Part # 1847466
Download  1847466 Click to download

File Size   547.93 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MC 1,5/ 2-GF-5,08

1847466 Datasheet (HTML) - PHOENIX CONTACT


1847466 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: MC 1,5/..-
GF, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Screw locking, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1847466

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
18474 CANDD-18474 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
PHOENIX CONTACT
1847408 PHOENIX-1847408 Datasheet
85Kb / 6P
Printed-circuit board connector - MC 1,5/ 7-STF-5,08
1847411 PHOENIX-1847411 Datasheet
85Kb / 6P
Printed-circuit board connector - MC 1,5/ 8-STF-5,08
logo
Weidmuller
1847420000 WEIDMULLER-1847420000 Datasheet
334Kb / 4P
SL 5.00/02/180 3.2SN BK BX
logo
PHOENIX CONTACT
1847424 PHOENIX-1847424 Datasheet
87Kb / 6P
Printed-circuit board connector - MC 1,5/ 9-STF-5,08
More results


Similar Description - 1847466

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1847482 PHOENIX-1847482 Datasheet
251Kb / 8P
PCB header - MC 1,5/ 4-GF-5,08
02/04/2022
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1847479 PHOENIX-1847479 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 3-GF-5,08
Nov 30, 2022
1836189 PHOENIX-1836189 Datasheet
569Kb / 13P
PCB header - MC 1,5/ 2-G-5,08
Jan 4, 2023
1847505 PHOENIX-1847505 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 6-GF-5,08
Jan 5, 2023
1847547 PHOENIX-1847547 Datasheet
548Kb / 12P
PCB header - MC 1,5/10-GF-5,08
Jan 10, 2023
1847563 PHOENIX-1847563 Datasheet
548Kb / 12P
PCB header - MC 1,5/12-GF-5,08
Jan 4, 2023
1843790 PHOENIX-1843790 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 2-GF-3,5
1995787 PHOENIX-1995787 Datasheet
499Kb / 10P
PCB header - MC 1,5/ 2-GF-3,5 AU
1847521 PHOENIX-1847521 Datasheet
547Kb / 12P
MC 1,5/ 8-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com