Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZV55C Datasheet (PDF) - EIC discrete Semiconductors

BZV55C Datasheet PDF - EIC discrete Semiconductors
Part # BZV55C
Download  BZV55C Download
File Size   43.1 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

BZV55C Datasheet (PDF)

Go To PDF Page Download Datasheet
BZV55C Datasheet PDF - EIC discrete Semiconductors

Part # BZV55C
Download  BZV55C Click to download

File Size   43.1 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

BZV55C Datasheet (HTML) - EIC discrete Semiconductors


BZV55C Product details

VZ : 2.4 to 75V
PD : 500mW

FEATURES :
• Silicon planar zener diodes
• For use as low voltage stabilizer or voltage reference.
• Standard Zener voltage tolerance is ± 5%
• Pb / RoHS Free




Similar Part No. - BZV55C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55C TSC-BZV55C Datasheet
64Kb / 4P
0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SynSemi, Inc.
BZV55C SYNSEMI-BZV55C Datasheet
39Kb / 2P
ZENER DIODES
logo
Shenzhen Luguang Electr...
BZV55C LUGUANG-BZV55C Datasheet
211Kb / 4P
500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
logo
Kingtronics Internation...
BZV55C KINGTRONICS-BZV55C Datasheet
432Kb / 3P
BZV55C-SERIES SILICON PLANAR ZENER DIODES
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
Total power dissipation: max. 500 mW
More results


Similar Description - BZV55C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com