Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP28C Datasheet (PDF) - EIC discrete Semiconductors

5KP28C Datasheet PDF - EIC discrete Semiconductors
Part # 5KP28C
Download  5KP28C Download
File Size   119.11 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

5KP28C Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP28C Datasheet PDF - EIC discrete Semiconductors

Part # 5KP28C
Download  5KP28C Click to download

File Size   119.11 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

5KP28C Datasheet (HTML) - EIC discrete Semiconductors


5KP28C Product details

FEATURES :
* 5000W Peak Pulse Power
* Excellent clamping capability
* Low incremental surge resistance
* Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1mA above 10V
* Pb / RoHS F




Similar Part No. - 5KP28C

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP28C SURGE-5KP28C Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP28C TRSYS-5KP28C Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP28C WTE-5KP28C Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
5KP28C FORMOSA-5KP28C Datasheet
87Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP28C WTE-5KP28C Datasheet
71Kb / 6P
5000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 5KP28C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
1-Line, Bi-directional, Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com