Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0302AS-1001FN-90 Datasheet (PDF) - Vishay Barry

RM0302AS-1001FN-90 Datasheet PDF - Vishay Barry
Part # RM0302AS-1001FN-90
Download  RM0302AS-1001FN-90 Download
File Size   162.95 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 60mW Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane

RM0302AS-1001FN-90 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM0302AS-1001FN-90 Datasheet PDF - Vishay Barry

Part # RM0302AS-1001FN-90
Download  RM0302AS-1001FN-90 Click to download

File Size   162.95 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 60mW Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane

RM0302AS-1001FN-90 Datasheet (HTML) - Vishay Barry


RM0302AS-1001FN-90 Product details

RM0302ZZ-XXXXWN-90 Features:
• Single-Sided Terminals w/ Backplane Configuration
• Solder, Epoxy or Wirebondable Terminals
• Solder or Epoxy Mount Backplane
• Customer Defined Testing Available
• RoHS Compliant or SnPb Available
• Non-Magnetic Available
• Waffle Pack Available (Standard is bulk)

RM0302ZZ-XXXXWN-90 Parameters:
Resistance Range: 0.5Ω - 1MΩ
Rated Power:* 60mW
Construction: Thick Film on 0.010” Al2O3
Operating Temperature: -55 to +150°C




Similar Part No. - RM0302AS-1001FN-90

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM030 MACOM-RM030 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
More results


Similar Description - RM0302AS-1001FN-90

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS0202ZZ-XXXXWN-90 BARRY-RS0202ZZ-XXXXWN-90 Datasheet
161Kb / 2P
65mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 14 2021
RS0202ZZ-XXXXWN-91 BARRY-RS0202ZZ-XXXXWN-91 Datasheet
158Kb / 2P
65mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 15 2021
RS0402ZZ-XXXXWN-91 BARRY-RS0402ZZ-XXXXWN-91 Datasheet
160Kb / 2P
50mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021
RS0505ZZ-XXXXWN-91 BARRY-RS0505ZZ-XXXXWN-91 Datasheet
178Kb / 2P
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0505ZZ-XXXXWN-93 BARRY-RS0505ZZ-XXXXWN-93 Datasheet
174Kb / 2P
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0805ZZ-XXXXWN-90 BARRY-RS0805ZZ-XXXXWN-90 Datasheet
154Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RM0402ZZ-XXXXWN-90 BARRY-RM0402ZZ-XXXXWN-90 Datasheet
140Kb / 2P
1.25W Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
REV.C JUL 5 2021
RM0402ZZ-XXXXWN-91 BARRY-RM0402ZZ-XXXXWN-91 Datasheet
138Kb / 2P
1W Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
REV.C JUL 5 2021
RM0402ZZ-XXXXWN-93 BARRY-RM0402ZZ-XXXXWN-93 Datasheet
130Kb / 2P
0.7W Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
REV.C JUL 5 2021
RS1206ZZ-XXXXWN-90 BARRY-RS1206ZZ-XXXXWN-90 Datasheet
145Kb / 2P
350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com