Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMY3.9 Datasheet (PDF) - EIC discrete Semiconductors

ZMY3.9 Datasheet PDF - EIC discrete Semiconductors
Part # ZMY3.9
Download  ZMY3.9 Download
File Size   57.69 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

ZMY3.9 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMY3.9 Datasheet PDF - EIC discrete Semiconductors

Part # ZMY3.9
Download  ZMY3.9 Click to download

File Size   57.69 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

ZMY3.9 Datasheet (HTML) - EIC discrete Semiconductors


ZMY3.9 Product details

VZ : 3.9 to 100V
PD : 1W

FEATURES :
• Silicon planar power zener diodes
• For use in stabilizing and clipping circuits with higher power rating.
• These diodes are also available in the DO-41 case with the type designation ZPY3.6… ZPY100.
• Pb / RoHS Free

MECHANICAL DATA :
* Case : MELF Glass Case
* Weight : 0.25 g (approx.)




Similar Part No. - ZMY3.9

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY3.9 SEMTECH-ZMY3.9 Datasheet
373Kb / 5P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMY3.9 GE-ZMY3.9 Datasheet
205Kb / 5P
ZENER DIODES
logo
Diotec Semiconductor
ZMY3.9 DIOTEC-ZMY3.9 Datasheet
57Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
logo
SUNMATE electronic Co.,...
ZMY3.9 SUNMATE-ZMY3.9 Datasheet
1Mb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
First Silicon Co., Ltd
ZMY3.9 FS-ZMY3.9 Datasheet
661Kb / 5P
Zener VoltageRange: 3.9 to 100Volts, 1W ZenerDiodes
More results


Similar Description - ZMY3.9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com