Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM3.6 Datasheet (PDF) - EIC discrete Semiconductors

ZMM3.6 Datasheet PDF - EIC discrete Semiconductors
Part # ZMM3.6
Download  ZMM3.6 Download
File Size   36.18 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

ZMM3.6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMM3.6 Datasheet PDF - EIC discrete Semiconductors

Part # ZMM3.6
Download  ZMM3.6 Click to download

File Size   36.18 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

ZMM3.6 Datasheet (HTML) - EIC discrete Semiconductors


ZMM3.6 Product details

ZMM2.4 - ZMM75

VZ : 2.4 to 75V

PD : 500mW

FEATURES:

• Silicon planar zener diodes

• In MiniMELF case especiallyfor automatic insertion

• Standard zener voltagetolerance is ± 5%

• Other zener voltages are available upon request.

• These diodes are also available in DO-35 case with thetype designation ZPD2.7... ZPD51

• Pb/ RoHS Free




Similar Part No. - ZMM3.6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM3.6 SEMTECH-ZMM3.6 Datasheet
594Kb / 8P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM3.6 GE-ZMM3.6 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
Diotec Semiconductor
ZMM3.6 DIOTEC-ZMM3.6 Datasheet
1Mb / 4P
Surface mount Silicon Planar Zener Diodes
ZMM3.6 DIOTEC-ZMM3.6 Datasheet
94Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Shenzhen Ping Sheng Ele...
ZMM3.6 PFS-ZMM3.6 Datasheet
147Kb / 2P
ZENER DIODES
More results


Similar Description - ZMM3.6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com