Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1485 Datasheet (PDF) - Analog Devices

ADM1485 Datasheet PDF - Analog Devices
Part # ADM1485_V01
Download  ADM1485 Download
File Size   356.62 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Low Power EIA RS-485 Transceiver

ADM1485 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1485 Datasheet PDF - Analog Devices

Part # ADM1485_V01
Download  ADM1485 Click to download

File Size   356.62 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Low Power EIA RS-485 Transceiver

ADM1485 Datasheet (HTML) - Analog Devices


ADM1485 Product details

FEATURES
Meets EIA RS-485 Standard
30 Mbps Data Rate
Single 5 V Supply
–7 V to +12 V Bus Common-Mode Range
High Speed, Low Power BiCMOS
Thermal Shutdown Protection
Short-Circuit Protection
Driver Propagation Delay: 10 ns
Receiver Propagation Delay: 15 ns
High-Z Outputs with Power Off
Superior Upgrade for LTC1485

APPLICATIONS
Low Power RS-485 Systems
DTE-DCE Interface
Packet Switching
Local Area Networks
Data Concentration
Data Multiplexers
Integrated Services Digital Network (ISDN)




Similar Part No. - ADM1485_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485AN AD-ADM1485AN Datasheet
139Kb / 8P
-5 V Low Power EIA RS-485 Transceiver
REV.A
ADM1485ANZ AD-ADM1485ANZ Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
ADM1485AQ AD-ADM1485AQ Datasheet
139Kb / 8P
-5 V Low Power EIA RS-485 Transceiver
REV.A
ADM1485AR AD-ADM1485AR Datasheet
139Kb / 8P
-5 V Low Power EIA RS-485 Transceiver
REV.A
ADM1485ARMZ AD-ADM1485ARMZ Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
More results


Similar Description - ADM1485_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
-5 V Low Power EIA RS-485 Transceiver
REV.A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
5 V Low Power RS-485 PROFIBUS Transceiver
REV.B
ADM485 AD-ADM485 Datasheet
133Kb / 8P
5 V Low Power EIA RS-485 Transceiver
REV.A
ADM1485 AD-ADM1485_12 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_15 Datasheet
607Kb / 16P
5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM485 AD-ADM485_V01 Datasheet
606Kb / 16P
5 V Low Power EIA RS-485 Transceiver
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com