Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2485 Datasheet (PDF) - Analog Devices

ADM2485 Datasheet PDF - Analog Devices
Part # ADM2485
Download  ADM2485 Download
File Size   586.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver

ADM2485 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM2485 Datasheet PDF - Analog Devices

Part # ADM2485
Download  ADM2485 Click to download

File Size   586.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver

ADM2485 Datasheet (HTML) - Analog Devices


ADM2485 Product details

FEATURES
Half-duplex, isolated RS-485 transceiver
Integrated oscillator driver for external transformer
PROFIBUS® compliant
Complies with ANSI/TIA/EIA RS-485-A-98 and ISO 8482:1987(E)
Data rate: 16 Mbps
5 V or 3.3 V operation (VDD1)
50 nodes on bus
High common-mode transient immunity: >25 kV/μs
Isolated DE OUT status output
Thermal shutdown protection
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
Reinforced insulation, VIORM = 560 V peak
Operating temperature range: –40°C to +85°C
Wide-body, 16-lead SOIC package

APPLICATIONS
Isolated RS-485/RS-422 interfaces
PROFIBUS networks
Industrial field networks
Multipoint data transmission systems




Similar Part No. - ADM2485

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
ADM2485 AD-ADM2485 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
559Kb / 15P
High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
ADM2485BRWZ-REEL AD-ADM2485BRWZ-REEL Datasheet
559Kb / 15P
High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
More results


Similar Description - ADM2485

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
logo
Texas Instruments
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com