Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2486 Datasheet (PDF) - Analog Devices

ADM2486 Datasheet PDF - Analog Devices
Part # ADM2486
Download  ADM2486 Download
File Size   449.72 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver

ADM2486 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM2486 Datasheet PDF - Analog Devices

Part # ADM2486
Download  ADM2486 Click to download

File Size   449.72 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver

ADM2486 Datasheet (HTML) - Analog Devices


ADM2486 Product details

FEATURES
Half-duplex, isolated RS-485 transceiver
PROFIBUS® compliant
ANSI EIA/TIA 485-A and ISO 8482: 1987(E) compliant
20 Mbps data rate
5 V or 3 V operation (VDD1)
High common-mode transient immunity: >25 kV/μs
Isolated DE status output
Receiver open-circuit, fail-safe design
Thermal shutdown protection
50 nodes on bus
Safety and regulatory approvals
UL recognition—2500 Vrms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
IEC 609501 800 Vrms (basic), 400 Vrms (reinforced)
VDE Certificate of Conformity
DIN V VDE 0884-10 (VDE V 0884-10): 2006-12
VIORM = 560 V peak
Operating temperature range: −40°C to +85°C
Wide body, 16-lead SOIC package

APPLICATIONS
Isolated RS-485/RS-422 interfaces
PROFIBUS networks
Industrial field networks
Multipoint data transmission systems




Similar Part No. - ADM2486

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
3/05-Rev. B to Rev. C
ADM2486 AD-ADM2486 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM2486BRW AD-ADM2486BRW Datasheet
294Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
3/05-Rev. B to Rev. C
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
294Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
3/05-Rev. B to Rev. C
ADM2486BRWZ AD-ADM2486BRWZ Datasheet
294Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
3/05-Rev. B to Rev. C
More results


Similar Description - ADM2486

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
3/05-Rev. B to Rev. C
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
Half-Duplex iCoupler-R Isolated RS-485 Transceiver
10/04-Revision 0
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
10/06-Revision 0
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2486 AD-ADM2486_15 Datasheet
450Kb / 20P
High Speed, Half-Duplex Coupler Isolated RS-485 Transceiver
Rev. E
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com